Electronic Components Datasheet Search
  English  ▼

X  

LM339 Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # LM339
Description  consists of four independent voltage comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM339 Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  LM339 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM339 Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
BEIJING ESTEK ELECTRONICS CO.,LTD
Typical Performance Characteristics
(VCC =1.5V, TA=+25°C (each comparator))
Figure 1. Normalized Input Offset Voltage
Figure 2. Input Bias Current
Figure 3. Output Sink Current versus
Output Saturation Voltage
1.40
LM339



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com