Electronic Components Datasheet Search
  English  ▼

X  

LM339M Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM339M
Description  consists of four independent voltage comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM339M Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM339M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 2Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 3Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 4Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 5Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
Features
Internal Block Digram
1
BEIJING ESTEK ELECTRONICS CO.,LTD
from a single power supply over a wide range of voltages. Operation from split power supplies is also possible
and the low power supply curr
-
-AND relationships.
collector outputs to achieve wired
The LM339 consists of four independent voltage comparators. These were designed specifically to operate
outputs can be connected to other open
ent drain is independent of the magnitude of the power supply voltage. The
Wide supply voltage range
Low supply current drain independent of supply voltage.
Low input biasing current
Low input offset current
Low input offset voltage
Input common-mode voltage range includes GND
Differential input voltage range equal to the power supply voltage
Low output saturation voltage
Output voltage compatible with TTL, MOS and CMOS logic
§
§
§
§
§
§
§
§
§
14
1
14
1
DIP - 14
SOP – 14
PIN CONNECTIONS
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
– Input 1
Output 1
Output 3
Output 4
+ Input 1
– Input 2
+ Input 2
+ Input 4
– Input 4
+ Input 3
– Input 3
VCC
Gnd
)
*
)
*
4
(Top View)
symbol (each comparator)
OUT
IN–
IN+
Package
LM339


Similar Part No. - LM339M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM339M NSC-LM339M Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
Fairchild Semiconductor
LM339M FAIRCHILD-LM339M Datasheet
86Kb / 8P
Quad Comparator
logo
Estek Electronics Co. L...
LM339M ESTEK-LM339M Datasheet
143Kb / 2P
Quadruple Differential Compara tors
logo
Texas Instruments
LM339M TI1-LM339M Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
LM339M TI1-LM339M Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM339M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE727 NTE-NTE727 Datasheet
25Kb / 3P
Integrated Circuit Four Independent AC Amplifiers
logo
Estek Electronics Co. L...
IW4013B ESTEK-IW4013B Datasheet
120Kb / 5P
consists of two identical, independent data-type flip-flops
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
two independent voltage comparators
logo
Texas Instruments
LM139-N TI-LM139-N Datasheet
1Mb / 30P
The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
LM193-N TI-LM193-N Datasheet
1Mb / 24P
The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
logo
Richtek Technology Corp...
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
The RT7305 consists of a high voltage power MOSFET
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
Four independent operating channels
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
The LM2904 consists of two independent
logo
Shaoxing Devechip Micro...
SDP393 SDC-SDP393 Datasheet
565Kb / 11P
Four-dImensIonal independent comparator
logo
Jingjing Microelectroni...
EG324 EGMICRO-EG324 Datasheet
823Kb / 16P
Four-dImensIonal independent operation amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com