Electronic Components Datasheet Search
  English  ▼

X  

LM339M Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # LM339M
Description  consists of four independent voltage comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM339M Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  LM339M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 2Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 3Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 4Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 5Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
BEIJING ESTEK ELECTRONICS CO.,LTD
Electrical Characteristics
at specified free -air temperature, V CC
PARAMETER
TEST CONDITIONS*
MIN
TYP MAX UNIT
VIO
VCC =5V to 30V
25
2
5
mV
Input offset voltage
VIC = VI CRmin
, VO=1.4V
Full range
9
llO
VO=1.4V
25
5
50
nA
Input offset current
Full range
150
IIB
VO=1.4V
25
-25
-250 nA
Input bias current
Full range
-400
VICR
25
0 to
Vcc-1.5
V
Common -mode input voltage range**
Full range
0 to
Vcc-2
AVD
Large -signal differential voltage
amplification
VCC=15V, VO=1.4V to 11.4V,
RL ≥15kΩ to VCC
25
50
200
V/mV
IOH
VOH=5V, V ID=1V
25
0.1
50
nA
High -level output current
VOH=30V, VID=1V
Full range
1
µA
VOL
IOL=4mA, VID= -1V
25
150
400
mV
Low-level output voltage
Full range
700
IOL
Low-level output current
VOL=1.5V, VID= -1V
25
6
mA
ICC
RL= ∞
VCC=5V
25
0.8
2
mA
Supply current
VCC=30V
Full range
2.5
to 70
- mode
** The voltage at either input or common - mode should not be allowed to go negative by more than 0.3 V. The upper
end of the common - mode voltage range is VCC -1.5 V, but either or both inputs can go to 30 V without damage.
= 5V (unless otherwise noted)
. All characteristics are measured with zero common
o
C
o
C
o
C
o
C
o
C
o
C
o
C
o
C
o
C
oC
oC
input voltage unless
otherwise specified.
* Full range (MIN to
), for the LM339 is 0
MAX
LM339



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com