Electronic Components Datasheet Search
  English  ▼

X  

585 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 585
Description  CLUSTER BASED LED T3 1/4 Miniature Bayonet (BA9s)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

585 Datasheet(HTML) 1 Page - Dialight Corporation

  585 Datasheet HTML 1Page - Dialight Corporation 585 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
FEATURES / BENEFITS
585 Series
CLUSTER BASED LED
T3 1/4 Miniature Bayonet (BA9s)
CONSIDERATIONS
High brightness with low current draw - uses up to
90% less energy than an incandescent
Long life - up to 100K hours
True non-polarized configurations available
No heat generated
Mounts directly into industry standard socket
Resistant to shock and vibration
Super bright LED cluster design
Available in 6, 14, and 28 VDC, 120 VAC
Dialight's line of based LED lamps is designed to directly
replace many popular subminiature and miniature incandescent
lamps. The benefits of LED technology over incandescent are
significant: They offer long life, are shock resistant, withstand
vibration and provide energy conservation.
SPECIFICATIONS
Since lens caps act as filters for the light emitted from the based LED, it is important to match the emitting color of the LED.
If not matched properly, the overall light output may be substantially reduced. Dialight recommends using transparent lenses,
which will optimize the light output.
If you are unfamiliar with the polarity of the circuit, Dialight recommends using a non-polarized version.
Although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.
Operation of the based LED at a higher voltage should not exceed 10% above the recommended voltage.
Dialight does not recommend that based LED lamps be used in neon sockets.
Operating Voltages: 6,14, 28 VDC, 120 VAC
Polarized and non-polarized available
Operating temperature: -30oC to +85oC
Storage temperature:
-40oC to +100oC
Replaces incandescent lamp numbers
*: 44,
47, 313, 755,1815, 1819, 1847, 1850, 1866,
1889, 1891, 1892, 1893 and 1895
* See Dialight’s Incandescent lamp/based LED
cross reference for a complete listing
Measurements are typical
Dimensions are inches [mm]
MDEL585E001_D
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
1.09
[27.70]
CENTER
CONTACT (+)
.430
[10.92]


Similar Part No. - 585

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
IGNITION CONTROL
logo
Littelfuse
585 LITTELFUSE-585 Datasheet
174Kb / 1P
Cap for Fuse Holders for 5x20mm Fuses
11/14/22
logo
Adafruit Industries
585 ADAFRUIT-585 Datasheet
116Kb / 2P
EL wire starter pack - Yellow 2.5 meter (8.2 ft)
7/24/2015
logo
Dialight Corporation
585-1111 DIALIGHT-585-1111 Datasheet
21Kb / 1P
BASED LEDs-MULTI-CHIP
585-1121 DIALIGHT-585-1121 Datasheet
21Kb / 1P
BASED LEDs-MULTI-CHIP
More results

Similar Description - 585

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA93 ETC-BA93 Datasheet
40Kb / 1P
MINIATURE BAYONET 9MM T1 3/4 THREE CLUSTER ULTRA BRIGHT LEDS
logo
Chicago Miniature Lamp,...
18602 CML-18602 Datasheet
49Kb / 1P
T 31/4 Bayonet Based LED
CM49 CML-CM49 Datasheet
218Kb / 1P
T-3 1/4 Miniature Bayonet Base
logo
Dialight Corporation
586-2201-201F DIALIGHT-586-2201-201F Datasheet
111Kb / 2P
586 Series BASED LED T3 1/4 WEDGE (T10)
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
586-2401-220F DIALIGHT-586-2401-220F Datasheet
106Kb / 2P
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S)
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Visual Communications C...
VC18602250 VCC-VC18602250 Datasheet
338Kb / 1P
Bayonet Based LED
VC18620350 VCC-VC18620350 Datasheet
284Kb / 1P
Bayonet Based Multi LED
logo
List of Unclassifed Man...
WL-18606132 ETC2-WL-18606132 Datasheet
505Kb / 1P
T3 MINIATURE BAYONET BASE LED LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com