Electronic Components Datasheet Search
  English  ▼

X  

585 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 585
Description  CLUSTER BASED LED T3 1/4 Miniature Bayonet (BA9s)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

585 Datasheet(HTML) 2 Page - Dialight Corporation

  585 Datasheet HTML 1Page - Dialight Corporation 585 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NON-POLARIZED
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL585E001_D
POLARIZED
585-5211
Red
660
6
60
480
585-5311
Green
565
6
60
420
585-5511
Yellow
592
6
90
1800
585-5213
Red
660
14
40
480
585-5313
Green
565
14
40
420
585-5513
Yellow
592
14
60
1800
585-5215
Red
660
28
20
560
585-5315
Green
565
28
20
490
585-5515
Yellow
592
28
30
2100
Peak
Forward
Part Number
Color
Wavelength
Nominal Voltage
Current
Intensity
(nm)
(VDC)
TYP.-(mA)
TYP.-(mcd)
585-5223
Red
660
14
40
480
585-5323
Green
565
14
40
420
585-5523
Yellow
592
14
60
1800
585-5225
Red
660
28
20
560
585-5325
Green
565
28
20
490
585-5525
Yellow
592
28
30
2100
585-5256
Red
660
120 VAC
9
252
585-5356
Green
565
120 VAC
9
220
585-5556
Yellow
592
120 VAC
9
945
Peak
Forward
Part Number
Color
Wavelength
Nominal Voltage
Current
Intensity
(nm)
(VDC)
TYP.-(mA)
TYP.-(mcd)
With the technological advancements in Light Emitting Diodes (LEDs) brightness can now rival the incandescent lamp when used
in similar packages. These advancements have created a new type of product called the based LED - an LED with the functionality
of an incandescent bulb.
The following styles are currently available in red, green, yellow, blue and white:
T1 3/4 Midget Flange
T1 3/4 Bi-Pin
T1 3/4 Wedge (T5)
T2 Telephone Slide
T3 1/4 Miniature Bayonet (BA9S)
T3 1/4 Miniature Screw (E10)
T3 1/4 Wedge (T10)
15mm SC Bayonet (BA15s)
Dialight’s line of based LEDs continues to grow. Please visit our website for more information.
www.dialight.com
Based LE Ds
SELECTION
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
585 Series
CLUSTER BASED LED
T3 1/4 Miniature Bayonet (BA9s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com