Electronic Components Datasheet Search
  English  ▼

X  

598 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 598
Description  Micro LED® SMD LED “598 SERIES” 1210 PACKAGE (3.2mm X 2.7mm X 0.7mm) Bi-Color
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

598 Datasheet(HTML) 1 Page - Dialight Corporation

  598 Datasheet HTML 1Page - Dialight Corporation 598 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
PART NUMBERS
Compatible with automatic placement equipment
RoHS compliant
Packaged in 8mm tape, 7” reel and 20 per strip
Meets EIA-481-1 pkg. std.
Micro LED
® SMD LED
“598 SERIES” 1210 PACKAGE
(3.2mm X 2.7mm X 0.7mm) Bi-Color
ABSOLUTE RATINGS (@ Ta = 25ºC)
2
20 pieces on tape
7
7” reel 3000pcs / reel
ORDERING INFORMATION
PRELIMINARY
Dialight reserves the right to make changes at any
time in order to supply the best product possible.
Contact us directly for the latest information.
MDEI5981210BI_01
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight P/N
EMITTED COLOR
MATERIAL
LENS COLOR
LUMINOUS
INTENSITY
DOMINANT
WAVELENGTH
FORWARD
VOLTAGE
VIEWING
ANGLE
PINOUT
If = 20 ma
If = 20 ma
If = 20 ma
° DEGREES
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
598-8610-207F
RED
AlInGaP
Water Clear
40
60
80
630
635
645
1.8
2
2.4
140
GREEN
AlInGaP
Water Clear
30
40
50
562
568
570
1.8
2
2.4
140
598-8621-207F
RED-ORANGE
AlInGaP
Water Clear
80
100
120
620
625
630
1.8
2
2.4
140
GREEN
InGaN
Water Clear
200
220
240
520
525
530
2.7
3.2
3.5
140
598-8630-207F
ORANGE
AlInGaP
Water Clear
80
100
150
600
605
610
1.8
2.2
2.4
140
GREEN
AlInGaP
Water Clear
30
40
50
562
568
570
1.8
2.2
2.4
140
598-8640-207F
YELLOW
AlInGaP
Water Clear
90
110
150
587
590
592
1.8
2
2.4
140
GREEN
AlInGaP
Water Clear
30
40
50
562
568
570
1.8
2
2.4
140
598-8650-207F
YELLOW
AlInGaP
Water Clear
80
100
120
587
590
592
1.8
2
2.4
140
GREEN
InGaN
Water Clear
90
150
220
520
525
530
2.7
3.2
3.5
140
598-8660-207F
YELLOW
AlInGaP
Water Clear
90
110
150
587
590
592
1.8
2.2
2.4
140
RED
AlInGaP
Water Clear
40
60
80
630
635
645
1.8
2.2
2.4
140
598-8670-207F
RED
AlInGaP
Water Clear
40
60
80
630
635
640
1.8
2.2
2.4
140
SEE EXAMPLE
YELLOW-GREEN
AlInGaP
Water Clear
30
40
65
570
-
575
1.8
2.2
2.4
140
598-8680-207F
GREEN
InGaN
Water Clear
200
260
300
520
525
530
2.7
3.2
3.5
140
BLUE
InGaN
Water Clear
40
60
90
465
470
475
3
3.2
3.4
140
Dialight P/N
Power
Dissipation
Forward
Current
Reverse
Voltage
Operating
Temperature
Range
Storage
Temperature
Range
Peak Pulse
Forward
Current
Electrostatic
Discharge
(mW)
(mA)
(V)
(ºC)
(ºC)
(mA)
(HBM)
598-8610-207F
48
20
5
-40~+100
-40~+100
100
2000
48
20
5
-40~+100
-40~+100
100
2000
598-8621-207F
60
20
5
-30~+85
-40~+100
100
1500
87.5
20
5
-30~+85
-40~+100
100
1500
598-8630-207F
48
20
5
-40~+100
-40~+100
100
2000
48
20
5
-40~+100
-40~+100
100
2000
598-8640-207F
48
20
5
-40~+100
-40~+100
100
2000
48
20
5
-40~+100
-40~+100
100
2000
598-8650-207F
48
20
5
-40~+100
-40~+100
100
2000
70
20
5
-40~+100
-40~+100
100
2000
598-8660-207F
48
20
5
-40~+100
-40~+100
100
2000
48
20
5
-40~+100
-40~+100
100
2000
598-8670-207F
48
20
5
-40~+100
-40~+100
100
2000
48
20
5
-40~+100
-40~+100
100
2000
598-8680-207F
70
20
5
-40~+100
-40~+100
100
1000
68
20
5
-40~+100
-40~+100
100
1000
R
G
G
RO
G
O
G
Y
G
Y
Y
R
G
B
Package Outline Drawing:
Notes 1. All dimensions are in mm [inches];
2. Tolerances are ±0.1mm [0.004inch] unless noted.


Similar Part No. - 598

ManufacturerPart #DatasheetDescription
logo
Littelfuse
598 LITTELFUSE-598 Datasheet
331Kb / 1P
MINIATURE FUSEHOLDERS
logo
Adafruit Industries
598 ADAFRUIT-598 Datasheet
108Kb / 2P
36-pin 0.1 Female header - pack of 5
logo
HellermannTyton.
598-12127 HELLERMANNTYTON-598-12127 Datasheet
31Kb / 1P
Etiketten im Taschenbuch
logo
Dialight Corporation
598-8010-107F DIALIGHT-598-8010-107F Datasheet
301Kb / 2P
Micro LED SMD LED '598 SERIES' 0603 PACKAGE (1.6mm X 0.8mm X 0.7mm) Single Color
598-8010-107F DIALIGHT-598-8010-107F Datasheet
1Mb / 2P
Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results

Similar Description - 598

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8010-107F DIALIGHT-598-8010-107F Datasheet
301Kb / 2P
Micro LED SMD LED '598 SERIES' 0603 PACKAGE (1.6mm X 0.8mm X 0.7mm) Single Color
598-8110-107F DIALIGHT-598-8110-107F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 0805 PACKAGE (2.0mm X 1.25mm X 0.7mm) Single Color
598-8210-107F DIALIGHT-598-8210-107F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1206 PACKAGE (3.2mm X 1.6mm X 0.7mm) Single Color Water Clear
598-8310-107F DIALIGHT-598-8310-107F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
598-8310-117F DIALIGHT-598-8310-117F Datasheet
430Kb / 2P
Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
598-8510-207F DIALIGHT-598-8510-207F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Bi-Color Right Angle
598-8610-207F DIALIGHT-598-8610-207F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 1210 PACKAGE (3.2mm X 2.7mm X 0.7mm) Bi-Color
598-8610-307F DIALIGHT-598-8610-307F Datasheet
1Mb / 2P
Micro LED SMD LED (3.2mm X 2.7mm X 0.7mm) Tri-Color
598-9210-107F DIALIGHT-598-9210-107F Datasheet
1Mb / 2P
Micro LED SMD LED (3.2mm X 1.6mm X 0.7mm) Single Color Diffused
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com