Electronic Components Datasheet Search
  English  ▼

X  

598 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 598
Description  Micro LED® SMD LED “598 SERIES” 1210 PACKAGE (3.2mm X 2.7mm X 0.7mm) Bi-Color
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

598 Datasheet(HTML) 2 Page - Dialight Corporation

  598 Datasheet HTML 1Page - Dialight Corporation 598 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDEI5981210BI_01
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MECHANICAL DIMENSIONS
RED 630-642NM, RED-ORANGE 620-630NM, ORANGE 600-610NM, YELLOW 590-595NM, YELLOW 583-590NM, YELLOW GREEN 570-575NM, GREEN 562-570NM
GREEN 520-525NM, BLUE 470-475NM
OOPTICAL AND ELECTRICAL CHARACTERISTICS CURVES
REFLOW SOLDERING HAND SOLDERING
Pre-heat
160~180oC
Temperature
300oC Max.
Pre-heat time
120 seconds Max.
Peak
temperature
260oC Max.
Soldering
time
3 second Max
(one time only)
Soldering time
10 seconds Max.
Condition
Refer to
temperature -profile
PRELIMINARY
Dialight reserves the right to make changes at any
time in order to supply the best product possible.
Contact us directly for the latest information.
Micro LED
® SMD LED
“598 SERIES” 1210 PACKAGE
(3.2mm X 2.7mm X 0.7mm) Bi-Color
FORWARD VOLTAGE VS FORWARD CURRENT (Ta=25°C)
RELATIVE INTENSITY VS FORWARD CURRENT (Ta=25°C)
DERATING
RELATIVE INTENSITY VS AMBIENT TEMPERATURE
FORWARD VOLTAGE VS FORWARD CURRENT (Ta=25°C)
RELATIVE INTENSITY VS FORWARD CURRENT (Ta=25°C)
DERATING
RELATIVE INTENSITY VS AMBIENT TEMPERATURE
Recommended Soldering Pattern For
Reflow Soldering
DIMENSIONS OF REEL (UNIT:mm)
DIMENSIONS OF TAPE (UNIT:mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com