Electronic Components Datasheet Search
  English  ▼

X  

KA3842 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # KA3842
Description  fixed frequency current mode PWM controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

KA3842 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  KA3842 Datasheet HTML 1Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 2Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 3Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 4Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 5Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 6Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin functions
N
Function
Description
1
COMP
This pin is the Error Amplifier output and is made for loop compensation.
2
VFB
This is the inverting input of the Error Amplifier. It is normall y connected to the switching power supply
output through a resistor divider.
3
ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses this information to
terminate the output switch conduction.
4
RT/CT
The oscillator frequency and maximum Output duty cycle are programmed by connecting resistor RT to Vref
and capacitor CT to ground.
5
GROUND
This pin is the combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1A are sourced and sink by
this pin.
7
VCC
This pin is the positive supply of the integrated circuit.
8
Vref
This is the reference output. It provides charging current for capacitor C T through resistor RT .
Application information
2.5V
1mA
V
FB
2
COMP
1
Figure 1. Error Amp Configuration
VCC
7
ON/OFF COMMAND TO S/R OF IC
ICC
MIK3842 MIK3843
MIK3844 MIK3845
13mA
VON
VOFF
16V
10V
8.4V
7.6V
0.2mA
VOFF
VON
VCC
During UVLO, the Output is low
Figure 2. Undervoltage Lockout
IS
R
VFB
COMP
CURRENT
SENSE
+
2
_
1
3
ERROR
AMP
2R
R
1V
CURRENT
SENSE
COMPARATOR
RS
C
GND
5
Peak current is determined by
IS max
1.0V
RS
Figure 3. Current Sense Circuit
3
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com