Electronic Components Datasheet Search
  English  ▼

X  

KA3842 Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # KA3842
Description  fixed frequency current mode PWM controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

KA3842 Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  KA3842 Datasheet HTML 1Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 2Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 3Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 4Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 5Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 6Page - Estek Electronics Co. Ltd KA3842 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VREF
VREF
8
RT
RT
8
RSLOPE
RT /CT
4
MIK3842
RSLOPE
RT /CT 4
MIK3842
IS
IS
RS
R1
ISENSE
3
5
RS
R1
ISENSE
3
5
GND
GND
Figure 4. Slope Compensation Techniques
SCR must be selected for a holding current of less than 0.5mA.
The simple two transistor circuit can be used in place of the SCR as shown.
Figure 5. Latched Shutdown
From V
0
R
I
R
d
V
FB
C
f
Rf
2.5 V
+
-
2
1
EA
+
1mA
2R
R
From V
0
R
p
C
p
R
I
C
f
V
FB
R
f
2.5 V
+
-
2
EA
+
1mA
2R
R
COMP
5
COMP
1
5
Error Amp compensation circuit for stabilizing any current-mode topology except for
boost and flyback converters operating with continuous inductor current.
Error Amp compensation circuit for stabilizing current-mode boost and flyback
topologies operating with continuous inductor current.
Figure 6. Error Amplifier Compensation
4
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com