Electronic Components Datasheet Search
  English  ▼

X  

TPS2554/5 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2554/5
Description  TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2554/5 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2554/5 Datasheet HTML 1Page - Texas Instruments TPS2554/5 Datasheet HTML 2Page - Texas Instruments TPS2554/5 Datasheet HTML 3Page - Texas Instruments TPS2554/5 Datasheet HTML 4Page - Texas Instruments TPS2554/5 Datasheet HTML 5Page - Texas Instruments TPS2554/5 Datasheet HTML 6Page - Texas Instruments TPS2554/5 Datasheet HTML 7Page - Texas Instruments TPS2554/5 Datasheet HTML 8Page - Texas Instruments TPS2554/5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1) (2)
MIN
MAX
UNIT
Voltage range
IN, EN, ILIM, FAULT
–0.3
7
V
OUT
–0.8
7
V
IN to OUT
–7
7
V
Continuous output current, IOUT
OUT
Internally limited
mA
Continuous FAULT sink current
20
mA
ILIM source current
Internally limited
mA
Maximum junction temperature, TJ
–40
OTSD2
°C
Storage temperature range, Tstg
–62
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
System level (contact/air) (3)
±8000
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
Surges per EN61000-4-2, 1999 applied between USB and output ground of the TPS2559EVM-624 Evaluation Module user guide
(documentation available on the web.) These were the test levels, not the failure threshold.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage, IN
2.5
6.5
V
VEN
Input voltage, EN
0
6.5
V
IOUT
Continuous output current of OUT
5.5
A
Continuous FAULT sink current
10
mA
R(ILIM)
Recommended resistor limit range (1)
24.9
100
kΩ
TJ
Operating junction temperature
-40
125
°C
(1)
R(ILIM) is the resistor from ILIM pin to GND and ILIM pin can be shorted to GND.
TPS2559
SLVSCL5A – JUNE 2014 – REVISED NOVEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS2559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com