Electronic Components Datasheet Search
  English  ▼

X  

TPS2554/5 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2554/5
Description  TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2554/5 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2554/5 Datasheet HTML 9Page - Texas Instruments TPS2554/5 Datasheet HTML 10Page - Texas Instruments TPS2554/5 Datasheet HTML 11Page - Texas Instruments TPS2554/5 Datasheet HTML 12Page - Texas Instruments TPS2554/5 Datasheet HTML 13Page - Texas Instruments TPS2554/5 Datasheet HTML 14Page - Texas Instruments TPS2554/5 Datasheet HTML 15Page - Texas Instruments TPS2554/5 Datasheet HTML 16Page - Texas Instruments TPS2554/5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Note
Choosing power switch with tighter current limit tolerance can loosen the up-stream power-supply
design.
9.2.2 Detailed Design Procedure
9.2.2.1 Step-by-Step Design Procedure
To begin the design process a few parameters must be decided upon. The designer must know the following:
• Normal input operation voltage
• Rating current
• Minimum current limit
• Maximum current limit
9.2.2.2 Input and Output Capacitance
Input and output capacitance improves the performance of the device; the actual capacitance should be
optimized for the particular application. For all applications, a 0.1μF or greater ceramic bypass capacitor
between IN and GND is recommended as close to the device as possible for local noise decoupling. This
precaution reduces ringing on the input due to power-supply transients. Additional input capacitance may be
needed on the input to reduce voltage undershoot from exceeding the UVLO of other load share one power rail
with TPS2559 or overshoot from exceeding the absolute-maximum voltage of the device during heavy transient
conditions. This is especially important during bench testing when long, inductive cables are used to connect the
evaluation board to the bench power supply.
Output capacitance is not required, but placing a high-value electrolytic capacitor on the output pin is
recommended when large transient currents are expected on the output to reduce the undershoot, which caused
by the inductance of the output power bus just after a short has occurred and the TPS2559 has abruptly reduced
OUT current. Energy stored in the inductance will drive the OUT voltage down and potentially negative as it
discharges.
9.2.2.3 Programming the Current-Limit Threshold
The overcurrent threshold is user programmable via an external resistor. The TPS2559 uses an internal
regulation loop to provide a regulated voltage on the ILIM pin. The current-limit threshold is proportional to the
current sourced out of ILIM. The recommended 1% resistor range for R (ILIM) is 24.9 kΩ ≤ R(ILIM) ≤ 100 kΩ to
ensure stability of the internal regulation loop.
When ILIM pin short to GND (single point failure), maximum current limit is less than 8 A over temperature and
process variation.
Many applications require that the minimum current limit is above a certain current level or that the maximum
current limit is below a certain current level, so it is important to consider the tolerance of the overcurrent
threshold when selecting a value for R (ILIM). The equations and the graph below can be used to estimate the
minimum and maximum variation of the current-limit threshold for a predefined resistor value within R (ILIM) is
24.9 kΩ ≤ R(ILIM) ≤ 100 kΩ. This variation is an approximation only and does not take into account, for example,
the resistor tolerance. For examples of more-precise variation of I OS refer to the current-limit section of the
Electrical Characteristics table.
OS max
1.0013
(ILIM)
OSnom
1.0008
(ILIM)
OS min
1.0010
(ILIM)
121635 V
I
(mA)
36
R
k
118079 V
I
(mA)
R
k
113325 V
I
(mA)
47
R
k
=
+
W
=
W
=
-
W
(1)
www.ti.com
TPS2559
SLVSCL5A – JUNE 2014 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS2559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com