Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM358
Description  contains two independent high gain operational amplifiers with internal compensation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM358 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM358 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 4Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM358
Description
The LM358 contains two independent high gain operational amplifiers with internal
requency
compensation.
The two op-amps operate over a wide voltage range from a single power supply.Also use a split power supply.
The device has low power supply voltage.The low power drain also makes the LM358 a good choice for battery
operation.
When your project calls for a traditional op-amp function,now you can streanline your design with a simple any
digital system or personal computer application,without requiring an extra 15V power supply just to
have
the interface electronics you need.
The LM358 is a versatile,rugged workhorse with a thousand-and-one use,from amplifying signals from a variety
of transducers to dcgain blocks,,or any op-amp function.The attached pages offer some recipes rhat will
have your project cooking in no time.
Features
• Internally frequency compensated for unity gain
• Large DC voltage gain:100dB
Wide power supply range:
3V ~ 32 V (or ±1.5V ~ ±16V)
• Input common-mode voltage range includes ground
• Large output voltage swing:0V DC to Vcc-1,5V DC
Power drain suitable for battery operation
• Differential inpit voltage range equal to the power supply
voltage
SOP - 8
• Low input offset voltage and offset current
DIP - 8
Package
Internal Block Digram
Logic Diagram
Pin Assinment
PIN 4 = GND
PIN 8=V CC
1
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358 PHILIPS-LM358 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Wing Shing Computer Com...
LM358 WINGS-LM358 Datasheet
91Kb / 4P
Dual Operation Amplifiers
More results

Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376 MAXIM-MAX4376 Datasheet
192Kb / 9P
Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
logo
Advanced Monolithic Sys...
AMS2596 ADMOS-AMS2596 Datasheet
744Kb / 15P
Internal compensation
logo
Maxim Integrated Produc...
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
logo
Texas Instruments
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com