Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # LM358
Description  contains two independent high gain operational amplifiers with internal compensation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM358 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  LM358 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 4Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM358
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltages
Single Supply
Split Supplies
32
±16
V
VIDR
Input Differential Voltage Range (1)
±32
V
VICR
tS
IIN
Input Common Mode Voltage Range
-0.3 to 32
V
Short-Circuit duration of Output
100
ms
Input Current, per pin (2)
50
mA
Junction Temperature
TJ
Plastic Packages
150
°C
Tstg
Storage Temperature
Plastic Packages
(TA = +25ºC)
-55 to +125
°C
TL
Lead Temperature, 1mm from Case for 10 Seconds
260
°C
Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
Notes:
1.
Split Power Supplies.
2.
V IN <-0.3V. This input current will only exist when voltage at any of the input leads is driven negative.
Typcal Peformance Characteristics
Figure 1.Input Voltage Rang e
Figure 2. Open-Loop Frequency
3
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com