Electronic Components Datasheet Search
  English  ▼

X  

HT8691 Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8691
Description  5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8691 Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8691 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HT8691
Class D Audio Amplifier
Copyright ©2016, Jiaxing Heroic Technology Co., Ltd
-2-
11/2016 – V0.1
 TERMINAL CONFIGURATION
1
2
3
4
8
7
6
5
FB
LX
PVDD
OUT-
CTRL
IN-
SOP8L-PP Top View
OUT+
IN+
9-GND
 TERMINAL FUNCTION *1
SOP
Terminal
No.
Name
I/O
ESD
Protection
Function
1
FB
I
PN
Regulator Feedback Input
2
LX
I
-
Internal Switch Input
3
PVDD
Power
PN
Boost Converter Output Voltage and Power
Supply
4
OUT-
O
-
Negative Output Terminal (BTL-)
5
OUT+
O
Positive Output (BTL+)
6
IN+
I
PN
Positive Input Terminal (differential +)
7
IN-
I
PN
Negative Input Terminal (differential -)
8
CTRL
I
PN
Shutdown and ACF Control Terminal
9
GND
GND
PN
Power Ground
*1
I: Input
O: Output
 ORDERING INFORMATION
H
T
8
6
9
1
XX
Part Number
Package Type
Marking
Operating
Temperature Range
MOQ/Shipping
Package
HT8691SP
SOP8L-PP
HT8691SP
B##### *2
-40℃~85℃
Tape
100PCS
*2:##### is production track code.
Package type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com