Electronic Components Datasheet Search
  English  ▼

X  

HT8691 Datasheet(PDF) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8691
Description  5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8691 Datasheet(HTML) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8691 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
HT8691
Class D Audio Amplifier
Copyright ©2016, Jiaxing Heroic Technology Co., Ltd
-3-
11/2016 – V0.1
 ELECTRICAL CHARACTERISTIC
 Absolute Maximum Ratings *3
Item
Symbol
Min.
Max.
Unit
BOOST converter output voltage and Power supply voltage
range
PVDD
-0.3
7.8
V
Input terminal voltage range (IN+, IN-)
VIN
-
0.6
PVDD+0.6
V
Input terminal voltage range (except IN+, IN-)
VIN
-
0.3
PVDD+0.3
V
Operating Ambient Temperature
TA
-40
85
℃
Junction Temperature
TJ
-40
150
℃
Storage Temperature
TSTG
-50
150
℃
*3:
Absolute Maximum Ratings is values which must not be exceeded to guarantee device reliability. With a system in
which supply voltage might exceed supply voltage of PVDD/GND, external diodes are recommended to be used to
assure that the voltage does not exceed the absolute maximum rating.
 Recommended Operating Condition
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
BOOST converter output voltage and Power
supply voltage range *4
PVDD
VBAT
6.5
7.5
V
Operating Ambient Temperature
Ta
-40
25
85
℃
Speaker Impedance
RL
SOP8L-PP
4
Ω
*4:
The rising time of PVDD should be more than 1µs.
 Electrical Specification *5
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
BOOST Converter
Boost converter output
voltage
PVDD
VBAT
6.5
7.5
V
Boost converter
frequency
fSW
410
kHz
Boost converter input
current limit
ILIMTRIP
2.3
A
Class D Channel
VSS=0V, VBAT =3.6V, RIN = 56K, Ta=25ºC, CIN=0.1uF, ACF-Off mode, unless otherwise specified
Carrier clock frequency
fPWM
410
kHz
Over current protection
Imax
5
A
System Gain
Av0
RIN=56 kΩ
26
dB
Start-up time (power-on
or shutdown release)
tSTUP
280
ms
ACF attenuation gain
Aa
-16
0
dB
Consumption current in
shutdown mode
ISD
CTRL=VSS
25
µA
PVDD = 6.5V
Output Power
PO
RL=4Ω
VBAT=4.2V,
f=1kHz,
THD+N=10%
5.3
W
RL=8Ω
3.0
RL=4Ω
VBAT=4.2V,
f=1kHz,
THD+N=1%
4.3
RL=8Ω
2.5
Total Harmonic
Distortion plus Noise
THD+N
PO=0.1W
RL=4Ω,
f=1kHz
0.13
%
PO=1.0W
0.10
%
PO=3.0W
0.15
%
Output Noise
VN
f=20Hz~20kHz, A weighted,
Av=26dB
150
µVrms
Signal to Noise Ratio
SNR
A weighted, Av=26dB, THD+N
= 1%
90
dB
Output offset voltage
VOS
±
2
mV
Efficiency (Class D +
Boost)
η
VBAT=3.6V, RL=4Ω+22uH,
THD+N = 10%
74
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com