Electronic Components Datasheet Search
  English  ▼

X  

TPS3779ADBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3779ADBVT
Description  TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3779ADBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3779ADBVT Datasheet HTML 3Page - Texas Instruments TPS3779ADBVT Datasheet HTML 4Page - Texas Instruments TPS3779ADBVT Datasheet HTML 5Page - Texas Instruments TPS3779ADBVT Datasheet HTML 6Page - Texas Instruments TPS3779ADBVT Datasheet HTML 7Page - Texas Instruments TPS3779ADBVT Datasheet HTML 8Page - Texas Instruments TPS3779ADBVT Datasheet HTML 9Page - Texas Instruments TPS3779ADBVT Datasheet HTML 10Page - Texas Instruments TPS3779ADBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VIT- Accuracy (%)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
Output Sink Current (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +105°C
TJ = +125°C
VIT+ Accuracy (%)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 6.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 6.5 V
Supply Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +105°C
TJ = +125°C
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 6.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 6.5 V
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
7.7 Typical Characteristics
At TJ = 25°C with a 0.1-µF capacitor close to VDD, unless otherwise noted.
SENSE1 = SENSE2 = 1.5 V
Figure 2. Supply Current vs Supply Voltage
Figure 3. Sense Threshold (VIT+) Deviation vs Temperature
VDD = 6.5 V
Figure 4. Sense Threshold (VIT–) Deviation vs Temperature
Figure 5. Sense Threshold (VIT+)
VDD = 6.5 V
Figure 7. Output Voltage Low vs Output Current
Figure 6. Sense Threshold (VIT–)
(VDD = 1.5 V)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com