Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3780CDBVT.B
Description  TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3780CDBVT.B Datasheet(HTML) 1 Page - Texas Instruments

  TPS3780CDBVT.B Datasheet HTML 1Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 2Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 3Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 4Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 5Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 6Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 7Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 8Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 6.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 6.5 V
Device
VDD
SENSE1
SENSE2
OUT1
OUT2
GND
R1
R2
VPULLUP
RPU1
RPU1
0.1 F
VMON1
VDD = 1.5 V to 6.5 V
R3
R4
VMON2
To a re set or enable
inpu t of the syste m
To a re set or enable
inpu t of the syste m
TPS378 0 Onl y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3779, TPS3780
SBVS250 – APRIL 2015
TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
1 Features
3 Description
The TPS3779 and TPS3780 are a family of high-
1
•
Two-Channel Detectors in Small Packages
accuracy, two-channel voltage detectors with low-
•
High-Accuracy Threshold and Hysteresis: 1.0%
power and small solution size. The SENSE1 and
•
Low Quiescent Current: 2 µA (typ)
SENSE2 inputs include hysteresis to reject brief
glitches, ensuring stable output operation without
•
Adjustable Detection Voltage Down to 1.2 V
false triggering. This family offers different factory-set
•
Multiple Hysteresis Options:
hysteresis options of 0.5%, 1%, 5%, or 10%.
–
0.5%, 1%, 5%, and 10%
The TPS3779 and TPS3780 have adjustable SENSE
•
Temperature Range: –40°C to 125°C
inputs that can be configured by an external resistor
•
Push-Pull (TPS3779) and Open-Drain (TPS3780)
divider. When the voltage at the SENSE1 or SENSE2
Output Options
input goes below the falling threshold, OUT1 or OUT2
is
driven
low,
respectively.
When
SENSE1
or
•
Available in µSON and SOT23 Packages
SENSE2 rises above the rising threshold, OUT1 or
OUT2 goes high, respectively.
2 Applications
The devices have a very low quiescent current of
•
DSP, Microcontroller, and Microprocessor
2 µA (typical) and provide a precise, space-conscious
Applications
solution for voltage detection suitable for low-power
•
Portable Medical Devices
system-monitoring and portable applications. The
•
Building Automation
TPS3779 and TPS3780 operate from 1.5 V to 6.5 V,
over the –40°C to 125°C temperature range.
•
Set-Top Boxes
•
Solid-State Drives
Device Information(1)
•
Notebook and Desktop Computers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Portable and Battery-Powered Products
µSON (6)
1.45 mm × 1.00 mm
TPS37xx
•
Power-Supply Sequencing Applications
SOT23 (6)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Sense Threshold (VIT+) Deviation versus
Typical Schematic
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3780CDBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780CDBVT TI1-TPS3780CDBVT Datasheet
1Mb / 28P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
More results

Similar Description - TPS3780CDBVT.B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
Dual Micro-Power Voltage Detectors
logo
Maxim Integrated Produc...
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
Ultra Low Voltage Detectors
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com