Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT.B Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS3780CDBVT.B
Description  TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3780CDBVT.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3780CDBVT.B Datasheet HTML 9Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 10Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 11Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 12Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 13Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 14Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 15Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 16Page - Texas Instruments TPS3780CDBVT.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Time (5 ms/div)
OUT1 (1 V/div)
OUT2 (1 V/div)
VMON1 (500 mV/div)
VMON2(500 mV/div)
TPS3780C
VDD
SENSE1
SENSE2
OUT1
OUT2
GND
R1
R2
VPULLUP
RPU1
RPU1
0.1 F
VMON1
VDD = 5 V
R3
R4
VMON2
To a re set or enable
inpu t of the syste m
To a re set or enable
inpu t of the syste m
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
9.2 Typical Applications
9.3 Monitoring Two Separate Rails
Figure 22. Monitoring Two Separate Rails Schematic
9.3.1 Design Requirements
Table 2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
VDD
5 V
5 V
Hysteresis
10%
10%
3.3 V nominal, VMON(PG) = 2.9 V,
Monitored voltage 1
VMON(PG) = 2.908 V, VMON(UV) = 2.618 V
VMON(UV) = 2.6 V
3 V nominal, VMON(PG) = 2.6 V,
Monitored voltage 2
VMON(PG) = 2.606 V, VMON(UV) = 2.371 V
VMON(UV) = 2.4 V
Output logic voltage
3.3-V CMOS
3.3-V CMOS
9.3.2 Detailed Design Procedure
1. Select the TPS3780C. The C version is selected to satisfy the hysteresis requirement. The TPS3780 is
selected for the output logic requirement. An open-drain output allows for the output to be pulled up to a
voltage other than VDD.
2. The resistor divider values are calculated by using Equation 2 and Equation 3. For SENSE1, R1 = 1.13 M
Ω
and R2 = 787 k
Ω. For SENSE2, R3 (R1) = 681 kΩ and R4 (R2) = 576 kΩ.
9.3.3 Application Curve
Figure 23. Monitoring Two Separate Rails Curve
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com