Electronic Components Datasheet Search
  English  ▼

X  

MP6908 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6908
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6908 Datasheet HTML 1Page - Monolithic Power Systems MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV6908-S-01A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV6908-S-01A Rev. 1.0
www.MonolithicPower.com
4
1/26/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
QUICK START GUIDE
1.
Connect the VSS and VD pin into the flyback circuit to replace the freewheel diode.
2.
Choose the supply voltage:
Connect HVC to VSS. The VDD will be supplied to 5V.
Connect HVC to a high voltage (level or switching). The VDD will be supplied to 9V.
3.
Turn the power supply on. The IC will start up and work as a freewheel diode automatically.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com