Electronic Components Datasheet Search
  English  ▼

X  

MP6908 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6908
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6908 Datasheet HTML 1Page - Monolithic Power Systems MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV6908-S-01A
High Efficiency
Synchronous Rectification EV Board
EV6908-S-01A Rev. 1.0
www.MonolithicPower.com
1
1/26/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6908 is a low-drop diode emulator IC
that, when combined with an external switch,
replaces Schottky diodes in high-efficiency
flyback converters. The MP6908 regulates the
forward
drop
of
an
external
synchronous
rectifier (SR) MOSFET to about 40mV, which
switches off once the voltage becomes negative.
The MP6908 can generate its own supply
voltage for battery charging applications with a
low output voltage or high-side rectification
applications. Programmable ringing detection
circuitry prevents the MP6908 from turning on
falsely during discontinuous conduction mode
(DCM) and quasi-resonant operation.
EV6908-S-01A is the evaluation board for
MP6908.
FEATURES
 Wide Output Range down to 0V
 No Need for Auxiliary Winding for High-Side
or Low-Side Rectification
 Ringing Detection Prevents False Turn-On
during
DCM
and
Quasi-Resonant
Operations
 Works with Standard and Logic Level SR
MOSFETs
 Compatible with Energy Star
 ~30ns Fast Turn-Off and Turn-On Delay
 ~100µA Quiescent Current
 Supports DCM, CCM, and Quasi-Resonant
Operations
 Supports both High-Side and Low-Side
Rectification
 TSOT23-6 Package Available
APPLICATIONS
 USB PD Quick Chargers
 Adaptors
 Flyback Power Supplies with Very Low
and/or Variable Output Voltage
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV6908-S-01A EVALUATION BOARD
(L x W) 2.9cm x2.9cm
Board Number
MPS IC Number
EV6908-S-01A
MP6908


Similar Part No. - MP6908

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6908 MPS-MP6908 Datasheet
768Kb / 14P
Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
Rev. 1.2
MP6908GJ MPS-MP6908GJ Datasheet
768Kb / 14P
Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
Rev. 1.2
More results

Similar Description - MP6908

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6901DS-00A MPS-EV6901DS-00A Datasheet
161Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902DS-00A MPS-EV6902DS-00A Datasheet
170Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902-S-00B MPS-EV6902-S-00B Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6903DS-00A MPS-EV6903DS-00A Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6905-S-00A MPS-EV6905-S-00A Datasheet
221Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6906-S-00A MPS-EV6906-S-00A Datasheet
169Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6920-N-00A MPS-EV6920-N-00A Datasheet
142Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6922DS-00A MPS-EV6922DS-00A Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6923-S-00A MPS-EV6923-S-00A Datasheet
211Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6924-S-00A MPS-EV6924-S-00A Datasheet
325Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com