Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS25221DBVT
Description  TPS25221 2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25221DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS25221DBVT Datasheet HTML 1Page - Texas Instruments TPS25221DBVT Datasheet HTML 2Page - Texas Instruments TPS25221DBVT Datasheet HTML 3Page - Texas Instruments TPS25221DBVT Datasheet HTML 4Page - Texas Instruments TPS25221DBVT Datasheet HTML 5Page - Texas Instruments TPS25221DBVT Datasheet HTML 6Page - Texas Instruments TPS25221DBVT Datasheet HTML 7Page - Texas Instruments TPS25221DBVT Datasheet HTML 8Page - Texas Instruments TPS25221DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
TPS25221
SLVSDT3D – JANUARY 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings ............................................................ 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 7
8
Parameter Measurement Information ................ 10
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
9.2
Functional Block Diagram ....................................... 11
9.3
Feature Description................................................. 12
9.4
Device Functional Modes........................................ 13
9.5
Programming........................................................... 13
10
Application and Implementation........................ 14
10.1
Application Information.......................................... 14
10.2
Typical Applications .............................................. 15
11
Power Supply Recommendations ..................... 21
11.1
Self-Powered and Bus-Powered Hubs ................. 21
11.2
Low-Power Bus-Powered and High-Power Bus-
Powered Functions .................................................. 21
11.3
Power Dissipation and Junction Temperature ...... 21
12
Layout................................................................... 23
12.1
Layout Guidelines ................................................. 23
12.2
Layout Example .................................................... 23
13
Device and Documentation Support ................. 24
13.1
Device Support .................................................... 24
13.2
Documentation Support ....................................... 24
13.3
Receiving Notification of Documentation Updates 24
13.4
Community Resources.......................................... 24
13.5
Trademarks ........................................................... 24
13.6
Electrostatic Discharge Caution ............................ 24
13.7
Glossary ................................................................ 24
14
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
Changes from Revision C (May 2019) to Revision D
Page
•
Removed content from the Programming the Current-Limit Threshold section ................................................................... 13
Changes from Revision B (November 2018) to Revision C
Page
•
Changed the Storage temperature From: TBD to: MIN = –65°C MAX = 150°C in the Absolute Maximum Ratings ............ 4
Changes from Revision A (May 2018) to Revision B
Page
•
Deleted pending from the Features list items ........................................................................................................................ 1
Changes from Original (January 2018) to Revision A
Page
•
Released to Production ......................................................................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com