Electronic Components Datasheet Search
  English  ▼

X  

IL1084T2 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # IL1084T2
Description  CHIP LOW DROPOUT POSITIVE REGULATOR 5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

IL1084T2 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  IL1084T2 Datasheet HTML 1Page - Estek Electronics Co. Ltd IL1084T2 Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IL1084T2
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
Features
♦ Output Current - 5A
♦ Maximum Input Voltage – 12V
♦ Adjustable Output Voltage or Fixed
1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 3.6V, 5V
♦ Current Limiting and Thermal Protection
♦ Standard 3-Pin Power Packages
Applications
♦ Post Regulator for Switching DC/DC Converter
♦ High Efficiency Liner Regulators
♦ Battery Charger
Physical Characteristics:
• Chip size……….1.9 x 2.2 mm
♦ Wafer Diameter ……100 ± 0.5 mm
♦ Wafer thickness ….. 280 ± 20 µm
♦ Scribe width ………...100 µm
♦ Metallization bottom... Ti-Ni-Ag
Ti-Ni – 0.5-0.7
µm
Ag – 0.6-0.1
µm
♦Passivation …………. PSG
Pad Location Coordinates
Absolute Maximum Ratings (Note 1)
Power Dissipation (Note 2)
Internally Limited
Junction Temperature (Note 3)
150
°C
Storage Temperature Range
-65°C to 150°C
Storage Temperature Range
-65°C to 150°C
Operating Ratings
Junction Temperature Range (Note 3) -10°C to 125°C
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for Tj= +25°C.
Limits appearing in Boldface type apply over the entire junction temperature range for operation.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
Output Voltage (Note 6)
IL1084-Adj BT2
IOUT=10mA,VIN=4.25V
0
≤ IOUT≤IFULL LOAD,2.75V≤VIN≤10V
1.237
1.232
1.225
1.250
1.250
1.250
1.263
1.268
1.275
IL1084-1.5 BT2
IOUT=10mA,VIN=4.5V
0
≤ IOUT≤IFULL LOAD,3.0V≤VIN≤10V
1.485
1.478
1.470
1.500
1.500
1.500
1.515
1.522
1.530
IL1084-1.8 BT2
IOUT=10mA,VIN=4.8V
0
≤ IOUT≤IFULL LOAD,3.3V≤VIN≤10V
1.782
1.773
1.764
1.800
1.800
1.800
1.818
1.827
1.836
IL1084-2.5 BT2
IOUT=10mA,VIN=5.5V
0
≤ IOUT≤IFULL LOAD,4.0V≤VIN≤10V
2.475
2.463
2.450
2.500
2.500
2.500
2.525
2.537
2.550
IL1084-2.85 BT2
IOUT=10mA,VIN=5.85V
0
≤ IOUT≤IFULL LOAD,4.35V≤VIN≤10V
2.820
2.805
2.790
2.850
2.850
2.850
2.880
2.895
2.910
IL1084-3.3 BT2
IOUT=10mA,VIN=6.3V
0
≤ IOUT≤IFULL LOAD,4.8V≤VIN≤10V
3.270
3.250
3.235
3.300
3.300
3.300
3.330
3.350
3.365
IL1084-3.6 BT2
IOUT=10mA,VIN=6.6V
0
≤ IOUT≤IFULL LOAD,5.1V≤VIN≤10V
3.564
3.546
3.528
3.600
3.600
3.600
3.636
3.654
3.672
VOUT
IL1084-5.0 BT2
IOUT=10mA,VIN=8.0V
0
≤ IOUT≤IFULL LOAD,6.5V≤VIN≤10V
4.950
4.925
4.900
5.000
5.000
5.000
5.050
5.075
5.100
V
N
Pad names
Pad size
X(
µm)
Y (
µm)
1
NC
130x130
251
88
2
INPUT
150x340
1961
780
3
OUTPUT
600x150
1251
875
4
INPUT
150x340
991
780
5
GND
130x130
88
311
Y
5
1
2
3
4
Y
X
technical data
1


Similar Part No. - IL1084T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL1084 ETC-IL1084 Datasheet
45Kb / 4P
IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A
logo
IK Semicon Co., Ltd
IL1084-1.8 IKSEMICON-IL1084-1.8 Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
IL1084-3.3 IKSEMICON-IL1084-3.3 Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
IL1084-5.0 IKSEMICON-IL1084-5.0 Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
IL1084-ADJ IKSEMICON-IL1084-ADJ Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
More results

Similar Description - IL1084T2

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
5A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
5A Low Dropout Positive Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com