Electronic Components Datasheet Search
  English  ▼

X  

IL1084T2 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # IL1084T2
Description  CHIP LOW DROPOUT POSITIVE REGULATOR 5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

IL1084T2 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  IL1084T2 Datasheet HTML 1Page - Estek Electronics Co. Ltd IL1084T2 Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IL1084 BT2
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for Tj= +25°C.
Limits appearing in Boldface type apply over the entire junction temperature range for operation.
Line Regulation (Note 7)
IL1084-Adj BT2
IOUT=10mA, 2.75V≤VIN≤10V
-
-
-
-
0.3
0.4
%
IL1084-1.5 BT2
IOUT=10mA, 3.0V≤VIN≤10V
-
-
-
-
6
10
IL1084-1.8 BT2
IOUT=10mA, 3.3V≤VIN≤10V
-
-
-
-
6
10
IL1084-2.5 BT2
IOUT=10mA, 4.0V≤VIN≤10V
-
-
-
-
6
10
IL1084-2.85 BT2
IOUT=10mA, 4.35V≤VIN≤10V
-
-
-
-
6
10
IL1084-3.3 BT2
IOUT=10mA, 4.8V≤VIN≤10V
-
-
-
-
6
10
IL1084-3.6 BT2
IOUT=10mA, 5.1V≤VIN≤10V
-
-
-
-
6
10
∆VOUT
IL1084-5.0 BT2
IOUT=10mA, 6.5V≤VIN≤10V
-
-
-
-
6
10
mV
Load Regulation (Note 7)
IL1084-Adj BT2
VIN=4.25V, 0≤ IOUT≤IFULL LOAD
-
-
-
-
0.3
0.4
%
IL1084-1.5 BT2
IL1084-1.8 BT2
IL1084-2.5 BT2
IL1084-2.85 BT2
VIN=5.0V, 0≤ IOUT≤IFULL LOAD
-
-
-
-
12
20
IL1084-3.3 BT2
VIN=5.0V, 0≤ IOUT≤IFULL LOAD
-
-
-
-
15
20
IL1084-3.6 BT2
VIN=5.3V, 0≤ IOUT≤IFULL LOAD
-
-
-
-
15
25
∆VOUT
IL1084-5.0 BT2
VIN=8.0V, 0≤ IOUT≤IFULL LOAD
-
-
-
-
20
35
mV
∆V
Dropout Voltage
(Note 8)
∆VREF=1%, IOUT=5A
-
-
1.5
V
IO(MIN)
Minimum Load
Current
VIN=10V
-
-
10
mA
ILIMIT
Current Limit
VIN=6.25V
5.5
-
-
A
IADJ
Adjust Pin Current
VIN=2.75÷10V,IOUT=10mA
-
-
120
µA
∆IADJ
Adjust Pin Current
Change
IOUT=10mA÷5A, VIN=2.75÷10V
-
-
5
µA
RR
Ripple Rejection
fRIPPLE = 120Hz, COUT=25µF
Tantalum,
Iout=5A;VIN=4.25V
60
-
-
dB
S
Temperature Stability
-
0.5
-
%
NOTES 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating
Rating indicate conditions for which the device is intended to be functional, but specific performance is not
guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
NOTES 2: Power Dissipation is kept in a safe range by current limiting circuitry. Refer to Overload Recovery
in Application Notes.
NOTES 3: The maximum power dissipation is a function of Tj(MAX), ΘjA and TA . The maximum allowable
power dissipation at any ambient temperature is PD=(Tj(MAX) – TA)ΘjA.
NOTES 4: Typical Values represent the most likely parametric norm
NOTES 5: All limits are guaranteed by testing or statistical analysis
NOTES 6: IFULL LOAD is defind in the current limit curves . The IFULL LOAD curve defines the current limit as a function of
input-to-output voltage .
NOTES 7: Load and Line regulation are measured at constant junction temperature , and are guaranteed up
to the maximum power dissipation of 30W.Power dissipation is determined by the input/output differential and
the output current. Guaranteed maximum power dissipation will not be available over the full input/output
range.
NOTES 8: Dropout voltage is specified over the full output current range of the device.
technical data
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com