Electronic Components Datasheet Search
  English  ▼

X  

ADRF5448 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5448
Description  Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5448 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5448 Datasheet HTML 3Page - Analog Devices ADRF5448 Datasheet HTML 4Page - Analog Devices ADRF5448 Datasheet HTML 5Page - Analog Devices ADRF5448 Datasheet HTML 6Page - Analog Devices ADRF5448 Datasheet HTML 7Page - Analog Devices ADRF5448 Datasheet HTML 8Page - Analog Devices ADRF5448 Datasheet HTML 9Page - Analog Devices ADRF5448 Datasheet HTML 10Page - Analog Devices ADRF5448 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADRF5448
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 14
Figure 4. Pad Configuration
Table 5. Pad Function Descriptions
Pad No.
Mnemonic
Description
1
V2
Control Input 2. See Table 6 for the truth table and Figure 6 for the control interface schematic.
2, 33
EN
Enable Input. See Table 6 for the truth table and Figure 7 for the control interface schematic.
3, 32
V1
Control Input 1. See Table 6 for the truth table and Figure 6 for the control interface schematic.
4, 5, 7, 8, 14, 15, 17
to 19, 21 to 24, 26 to
28, 30, 31
GND
Ground. Bonding of these GND pads is optional. See the Applications Information section for more information.
6
RFC
RF Common Port. The RFC pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when the RF
line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
9, 13
VSS
Negative Supply Voltage.
10, 12
LS
Logic Select. See Table 6 for the truth table and Figure 7 for the control interface schematic.
11
VDD
Positive Supply Voltage.
16
RF4
RF Throw Port 4. The RF4 pad is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when the RF
line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
20
RF3
RF Throw Port 3. The RF3 pad is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when the RF
line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
25
RF2
RF Throw Port 2. The RF2 pad is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when the RF
line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
29
RF1
RF Throw Port 1. The RF1 pad is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when the RF
line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
Carrier Bottom
The carrier bottom must be connected to ground for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com