Electronic Components Datasheet Search
  English  ▼

X  

ADRF5448 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5448
Description  Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5448 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5448 Datasheet HTML 5Page - Analog Devices ADRF5448 Datasheet HTML 6Page - Analog Devices ADRF5448 Datasheet HTML 7Page - Analog Devices ADRF5448 Datasheet HTML 8Page - Analog Devices ADRF5448 Datasheet HTML 9Page - Analog Devices ADRF5448 Datasheet HTML 10Page - Analog Devices ADRF5448 Datasheet HTML 11Page - Analog Devices ADRF5448 Datasheet HTML 12Page - Analog Devices ADRF5448 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADRF5448
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 9 of 14
INSERTION LOSS, RETURN LOSS AND ISOLATION
VDD = +3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, TDIE = 25°C, and a 50 Ω system, unless otherwise noted.
Figure 8. Insertion Loss for RFC to RFx Selected vs. Frequency
Figure 9. Return Loss for RFC when RFx Selected vs. Frequency
Figure 10. RFC to RF2, RF3, and RF4 Isolation vs. Frequency, RF1 Selected
Figure 11. Insertion Loss for RFC to RF1 vs. Frequency over Temperature
Figure 12. Return Loss for RFx Unselected and Selected
Figure 13. RFC to RF1, RF3, and RF4 Isolation vs. Frequency, RF2 Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com