Electronic Components Datasheet Search
  English  ▼

X  

AM620-Q1 Datasheet(PDF) 66 Page - Texas Instruments

Part # AM620-Q1
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM620-Q1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM620-Q1 Datasheet HTML 62Page - Texas Instruments AM620-Q1 Datasheet HTML 63Page - Texas Instruments AM620-Q1 Datasheet HTML 64Page - Texas Instruments AM620-Q1 Datasheet HTML 65Page - Texas Instruments AM620-Q1 Datasheet HTML 66Page - Texas Instruments AM620-Q1 Datasheet HTML 67Page - Texas Instruments AM620-Q1 Datasheet HTML 68Page - Texas Instruments AM620-Q1 Datasheet HTML 69Page - Texas Instruments AM620-Q1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 276 page
background image
Table 5-25. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
GPMC0_WEn
O
GPMC Write Enable (active low)
L25
J17
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
K25
J20
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to
effectively address 8-bit data non-multiplexed
memories
U22
R21
GPMC0_A1
OZ
GPMC address 1 Output in A/D non-multiplexed
mode and Address 17 in A/D multiplexed mode
V24
P18
GPMC0_A2
OZ
GPMC address 2 Output in A/D non-multiplexed
mode and Address 18 in A/D multiplexed mode
W25
R18
GPMC0_A3
OZ
GPMC address 3 Output in A/D non-multiplexed
mode and Address 19 in A/D multiplexed mode
W24
R19
GPMC0_A4
OZ
GPMC address 4 Output in A/D non-multiplexed
mode and Address 20 in A/D multiplexed mode
Y25
R20
GPMC0_A5
OZ
GPMC address 5 Output in A/D non-multiplexed
mode and Address 21 in A/D multiplexed mode
Y24
T20
GPMC0_A6
OZ
GPMC address 6 Output in A/D non-multiplexed
mode and Address 22 in A/D multiplexed mode
Y23
T21
GPMC0_A7
OZ
GPMC address 7 Output in A/D non-multiplexed
mode and Address 23 in A/D multiplexed mode
AA25
T19
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed
mode and Address 24 in A/D multiplexed mode
V21
U21
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed
mode and Address 25 in A/D multiplexed mode
W21
R17
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-
multiplexed mode and Address 26 in A/D
multiplexed mode
V20
T18
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AA23
U20
GPMC0_A12
OZ
GPMC address 12 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AB25
U19
GPMC0_A13
OZ
GPMC address 13 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AA24
V21
GPMC0_A14
OZ
GPMC address 14 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
Y22
U18
GPMC0_A15
OZ
GPMC address 15 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AA21
V20
GPMC0_A16
OZ
GPMC address 16 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AB24
W21
GPMC0_A17
OZ
GPMC address 17 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
Y20
T17
GPMC0_A18
OZ
GPMC address 18 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AC25
T16
GPMC0_A19
OZ
GPMC address 19 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AC24
U17
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
66
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com