Electronic Components Datasheet Search
  English  ▼

X  

AM620-Q1 Datasheet(PDF) 96 Page - Texas Instruments

Part # AM620-Q1
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM620-Q1 Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM620-Q1 Datasheet HTML 92Page - Texas Instruments AM620-Q1 Datasheet HTML 93Page - Texas Instruments AM620-Q1 Datasheet HTML 94Page - Texas Instruments AM620-Q1 Datasheet HTML 95Page - Texas Instruments AM620-Q1 Datasheet HTML 96Page - Texas Instruments AM620-Q1 Datasheet HTML 97Page - Texas Instruments AM620-Q1 Datasheet HTML 98Page - Texas Instruments AM620-Q1 Datasheet HTML 99Page - Texas Instruments AM620-Q1 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 276 page
background image
6.8.5 SDIO Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8V MODE
VIL
Input Low Voltage
0.58
V
VILSS
Input Low Voltage Steady State
0.58
V
VIH
Input High Voltage
1.27
V
VIHSS
Input High Voltage Steady State
1.7
V
VHYS
Input Hysteresis Voltage
150
mV
IIN (1)
Input Leakage Current.
VI = 1.8V
10
µA
VI = 0V
-10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output Low Voltage
0.45
V
VOH
Output High Voltage
VDD(2) - 0.45
V
IOL (3)
Low Level Output Current
VOL(MAX)
4
mA
IOH (3)
High Level Output Current
VOH(MIN)
4
mA
SRI (5)
Input Slew Rate
18f(4)
or
1.8E+6
V/s
3.3V MODE
VIL
Input Low Voltage
0.25 × VDD(2)
V
VILSS
Input Low Voltage Steady State
0.15 × VDD(2)
V
VIH
Input High Voltage
0.625 ×
VDD(2)
V
VIHSS
Input High Voltage Steady State
0.625 ×
VDD(2)
V
VHYS
Input Hysteresis Voltage
150
mV
IIN (1)
Input Leakage Current.
VI = 3.3V
10
µA
VI = 0V
-10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output Low Voltage
0.125 ×
VDD(2)
V
VOH
Output High Voltage
0.75 × VDD(2)
V
IOL (3)
Low Level Output Current
VOL(MAX)
6
mA
IOH (3)
High Level Output Current
VOH(MIN)
10
mA
SRI (5)
Input Slew Rate
33f(4)
or
3.3E+6
V/s
(1)
This parameter defines leakage current when the terminal is operating as an input, undriven output, or both input and undriven output,
without internal pulls enabled.
(2)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
(3)
The IOL and IOH parameters define the minimum Low Level Output Current and High Level Output Current for which the device is
able to maintain the specified VOL and VOH values. Values defined by these parameters should be considered the maximum current
available to a system implementation which needs to maintain the specified VOL and VOH values for attached components.
(4)
f = toggle frequency of the input signal in Hz.
(5)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
96
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com