Electronic Components Datasheet Search
  English  ▼

X  

OPA328DBVR Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40MHz, 1pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA328DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA328DBVR Datasheet HTML 19Page - Texas Instruments OPA328DBVR Datasheet HTML 20Page - Texas Instruments OPA328DBVR Datasheet HTML 21Page - Texas Instruments OPA328DBVR Datasheet HTML 22Page - Texas Instruments OPA328DBVR Datasheet HTML 23Page - Texas Instruments OPA328DBVR Datasheet HTML 24Page - Texas Instruments OPA328DBVR Datasheet HTML 25Page - Texas Instruments OPA328DBVR Datasheet HTML 26Page - Texas Instruments OPA328DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
8 Device and Documentation Support
8.1 Device Support
8.1.1 Development Support
8.1.1.1 PSpice® for TI
PSpice® for TI is a design and simulation environment that helps evaluate performance of analog circuits. Create
subsystem designs and prototype designs before committing to layout and fabrication, reducing development
cost and time to market.
8.1.1.2 TINA-TI™ Simulation Software (Free Download)
TINA-TI™ simulation software is a simple, powerful, and easy-to-use circuit simulation program based on a
SPICE engine. TINA-TI simulation software is a free, fully-functional version of the TINA™ software, preloaded
with a library of macromodels, in addition to a range of both passive and active models. TINA-TI simulation
software provides all the conventional dc, transient, and frequency domain analysis of SPICE, as well as
additional design capabilities.
Available as a free download from the Design and simulation tools web page, TINA-TI simulation software offers
extensive post-processing capability that allows users to format results in a variety of ways. Virtual instruments
offer the ability to select input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic
quick-start tool.
Note
These files require that either the TINA software or TINA-TI software be installed. Download the free
TINA-TI simulation software from the TINA-TI™ software folder.
8.1.1.3 DIP-Adapter-EVM
Speed up your op amp prototyping and testing with the DIP-Adapter-EVM, which provides a fast, easy and
inexpensive way to interface with small, surface-mount devices. Connect any supported op amp using the
included Samtec terminal strips or wire them directly to existing circuits. The DIP-Adapter-EVM kit supports
the following industry-standard packages: D or U (SOIC-8), PW (TSSOP-8), DGK (VSSOP-8), DBV (SOT-23-6,
SOT-23-5 and SOT-23-3), DCK (SC70-6 and SC70-5), and DRL (SOT563-6).
8.1.1.4 DIYAMP-EVM
The DIYAMP-EVM is a unique evaluation module (EVM) that provides real-world amplifier circuits, enabling the
user to quickly evaluate design concepts and verify simulations. This EVM is available in three industry-standard
packages (SC70, SOT23, and SOIC) and 12 popular amplifier configurations, including amplifiers, filters, stability
compensation, and comparator configurations for both single and dual supplies.
8.1.1.5 Analog Filter Designer
Available as a web-based tool from the Design and simulation tool web page, the Analog Filter Designer allows
the user to design, optimize, and simulate complete multistage active filter designs within minutes.
www.ti.com
OPA328, OPA2328, OPA4328
SBOS957F – FEBRUARY 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA328 OPA2328 OPA4328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com