Electronic Components Datasheet Search
  English  ▼

X  

OPA328DBVR Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40MHz, 1pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA328DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA328DBVR Datasheet HTML 5Page - Texas Instruments OPA328DBVR Datasheet HTML 6Page - Texas Instruments OPA328DBVR Datasheet HTML 7Page - Texas Instruments OPA328DBVR Datasheet HTML 8Page - Texas Instruments OPA328DBVR Datasheet HTML 9Page - Texas Instruments OPA328DBVR Datasheet HTML 10Page - Texas Instruments OPA328DBVR Datasheet HTML 11Page - Texas Instruments OPA328DBVR Datasheet HTML 12Page - Texas Instruments OPA328DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
5.7 Electrical Characteristics (continued)
at TA = 25°C, VS = ±1.1 V to ±2.75 V (VS = 2.2 V to 5.5 V), RL = 10 kΩ connected to VS / 2, VCM = VOUT = VS / 2, and min and
max specification established from manufacturing final test (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N
Total harmonic
distortion + noise
VO = 1 VRMS, gain = +1, f = 1 kHz
0.0001
%
OUTPUT
Voltage output swing
from both rails
VS = 2.2 V
5
mV
RL = 2 kΩ
15
VS = 5.5 V
OPA328DBV,
OPA2328D, DGK
5
OPA2328DRG,
OPA4328
10
RL = 2 kΩ,
OPA328DBV,
OPA2328D, DGK
15
RL = 2 kΩ,
OPA2328DRG,
OPA4328
20
ISC
Short-circuit current
Sinking, VS = 5.5 V
–65
mA
Sourcing, VS = 5.5 V
55
CLOAD
Capacitive load drive
Gain = +1
28
pF
RO
Open-loop output
impedance
f = 10 kHz
55
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
3.8
4.5
mA
IO = 0 A, TA = –40°C to +125°C
5.0
SHUTDOWN (OPA328SDBV and OPA4328RUM)
IQSD
Quiescent current in
shutdown
All amplifiers disabled
30
50
µA
ZOFF
Output impedance in
shutdown
All amplifiers disabled
100 || 16
GΩ || pF
VIH
High-level input voltage Amplifier enabled
(V+) – 0.5
V
VIL
Low-level input voltage
Amplifier disabled
(V–) + 0.5
V
tON
Output enable time
G = 1, VOUT = 0.9 × VS/2, all amplifiers enabled
10
µs
tOFF
Output disable time
G = 1, VOUT = 0.1 × VS/2, all amplifiers disabled
3
µs
EN pin input leakage
current
VIH = V+
0.02
µA
VIL = V–
1
(1)
Specification established from device population bench system measurements across multiple lots.
www.ti.com
OPA328, OPA2328, OPA4328
SBOS957F – FEBRUARY 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA328 OPA2328 OPA4328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com