Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-01X Infrared Remote Control OTP MCU Introduction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD009 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AD009-01X 规格简介 
广州安广电子有限公司第-3-页共7页  版本号:1.0
四、电气特性 
极限参数范围 
特性 
符号 
范围 
直流供电压范围
V+
<7.0V
输入电压范围
VIN
-0.5VtoVDD+0.5V
操作温度
TA
-20℃ ~+70℃
储存温度
TSTO
-50℃~150℃
备注:超出表中的极限参数会造成操作错误或毁坏 IC.
交流特性(TA=25℃,VDD=3.0V) 
范围
特性
最小值
典型值
最大值
单位
测试条件
内部 RC 频率
7.904
8*(1±1.2%)
8.096
MHz
VDD=1.8V-3.6V
T=-20~70℃ 
MCU 工作频率
-
2*(1±1.2%)
-
MIPS
VDD=1.8V-3.6V
MCU 工作电压
1.8
3.0
3.6
V

 
直流特性(VDD=3.0V,TA=25℃) 
范围
特性
符号
最小值
典型值
最大值
单位
测试条件
操作电压
VDD
1.8
-
3.6
V
两节电池应用
操作电流
IOP
-
0.45
-
mA
3.0V,MCU 工作在 2MIPS
T-key 待机电流
ITSTAY
-
1.2
3.0
μ A
MCUstop,WDToff, 
Keyscanon
M-key 待机电
流
IMSTAY-
0.1-
1
μ A
MCUstop,WDToff, 
Keyscanoff 
输入高电平
VIH
-
0.7*VDD
-
V
全部 I/O 
输入低电平
VIL
-
0.4*VDD
-
V
全部 I/O 
输出驱动电流
IOH-
-7
-
mA
VDD=3.0V,VOH=2.5V
全部 I/O,REM 除外
输出吸电流
IOL1
-
20
-
mA
VDD=3.0V,VOL=0.5V
全部 I/O,REM 除外
输入电阻
RUP
-
150
-
KΩ 
上拉电阻
REM 电流
IIREM
-
210

mA
VDD=3.0V
VOL=0.3V,PC1(REM)
复位电压
VLVR
-1.5-
V

 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com