Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-01X Infrared Remote Control OTP MCU Introduction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AD009 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AD009-01X 规格简介 
广州安广电子有限公司第-1-页共7页  版本号:1.0
AD009-01X 红外遥控 OTP MCU 简介 
一、描述 
AD009-01X是一款小容量4位RISC单片机, 它内置RC振荡和红外发射驱动电路,包含12
个普通I/O口,采用SOP16/8封装,最大支持91/15个按键,主要适用于各种单一功能红外遥
控产品的开发。
二、主要特点
工作电压  1.8V~3.6V
CMOS 电路,功耗低 
待机电流:T 型键盘输入<3uA,M 型<1uA(VDD=3.0V)
12 个普通输入/出端口+1 个输入口,1 个 8 位定时器
支持 T 型/M 型键盘
SOP16 可支持 91 个按键输入
SOP8 可支持 15 个按键输入
内置 RC 振荡
频偏≤ ±1.5%.typ@1.8~3.6V
内置 IRLED 驱动电路
驱动电流 IOL=210mA.typ@VDD=3V&VOL=0.3V
载波频率和占空比均可程序调节
内置 3 种复位电路
   上电复位,低压复位,WDT 复位
 


Similar Part No. - AD009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD009 ETC-AD009 Datasheet
170Kb / 14P
AD009-041 Remote controller
Version 1.0
AD009-03 ETC-AD009-03 Datasheet
222Kb / 3P
AD009-03 Special IC with learning remote control (OTP)
AD009-041 ETC-AD009-041 Datasheet
170Kb / 14P
AD009-041 Remote controller
Version 1.0
AD009-04X ETC-AD009-04X Datasheet
170Kb / 14P
AD009-041 Remote controller
Version 1.0
AD009-06H ETC-AD009-06H Datasheet
170Kb / 14P
AD009-041 Remote controller
Version 1.0
More results

Similar Description - AD009

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM339 ELM-ELM339 Datasheet
27Kb / 4P
INFRARED REMOTE CONTROL
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
8-Bit Remote Type OTP MCU
May 12, 2003
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
Infrared Remote-control
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Everlight Electronics C...
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
Infrared Remote Control
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
Infrared Remote Control
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
Infrared Remote Control
8????8
logo
List of Unclassifed Man...
AD009-041 ETC-AD009-041 Datasheet
170Kb / 14P
AD009-041 Remote controller
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com