Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 8 Page - Analog Devices

Part # LTC7151S
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 4Page - Analog Devices LTC7151S Datasheet HTML 5Page - Analog Devices LTC7151S Datasheet HTML 6Page - Analog Devices LTC7151S Datasheet HTML 7Page - Analog Devices LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices LTC7151S Datasheet HTML 10Page - Analog Devices LTC7151S Datasheet HTML 11Page - Analog Devices LTC7151S Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 8 of 45
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
LFCSP PACKAGE
15-Lead (3mm × 2mm × 0.75mm)
JEDEC BOARD JA = 50°C/W, JC(TOP) = 67.1°C/W, JC(PAD) = 10.4°C/W
DEMO BOARD JA = 33°C/W, ΨJT = 1.7°C/W
EXPOSED PAD IS GND AND SHOULD BE SOLDERED TO PCB
Figure 3. Pin Configurations
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
RT
A resistor is connected between the RT pin and ground to set the switching frequency.
2
PG
The PG pin is the open-drain output of an internal comparator. PG pulls low until the
PGFB pin is within ±7.5% of 0.5V, and there are no fault conditions. PG is also pulled
low when EN/UVLO is below 0.75V, INTVCC has fallen too low or during thermal
shutdown. PG is valid when VIN is above 2.8V.
3
SYNC/MODE
For the LT83201, this pin programs three different operating modes: 1) Discontinuous
Conduction Mode: Connect this pin to GND for Discontinuous Conduction Mode (DCM)
to allow the part to operate in discontinuous mode at light loads for improved
efficiency. In this mode, the part may skip pulses at very light loads or very high duty
cycles to maintain regulation. 2) Forced Continuous Mode (FCM): This mode offers fast
transient response and full frequency operation over a wide load range. Connect this
pin high to INTVCC (~3.4V) or an external supply >1.5V for FCM. The part also operates in
this mode by default if this pin is left floating. 3) Synchronization Mode: Drive this pin
with a clock source to synchronize to an external frequency. During synchronization,
the part operates in forced continuous mode. Contact the factory for versions of this
part that replaces the SYNC/MODE pin with a CLKOUT pin. The CLKOUT pin would
provide a 50% duty-cycle square wave of the switching frequency, 180° out-of-phase
with the internal clock of the part, with a peak-to-peak amplitude of INTVCC to GND.
4, 8
VIN
The VIN pins supply current to the LT83201 internal circuitry and to the internal top-
side power switch. Two 0402 capacitors of 0.1µF or more should be placed to bypass
both VIN pins with positive terminal of input capacitor as close as possible to the VIN
pins, and the negative capacitor terminal as close as possible to the GND pins. VIN pins
must also be connected with an additional local bypass capacitor of 4.7µF or more. To
provide sufficient headroom for the current reference, VIN must be at least 700mV
higher than the required regulation setpoint that is programmed via the SET pin. For
example, for the required regulation setpoint of 3.3V, VIN must be at least 3.3V + 700mV
= 4V, or higher.
1
RT
2
PG
3
SYNC/MODE
4
VIN
8
VIN
9
BST
10 INTVCC
11 EN/UVLO
LT83201
TOP VIEW
16 GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com