Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7151S
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices LTC7151S Datasheet HTML 10Page - Analog Devices LTC7151S Datasheet HTML 11Page - Analog Devices LTC7151S Datasheet HTML 12Page - Analog Devices LTC7151S Datasheet HTML 13Page - Analog Devices LTC7151S Datasheet HTML 14Page - Analog Devices LTC7151S Datasheet HTML 15Page - Analog Devices LTC7151S Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 12 of 45
Figure 16. Efficiency vs. VIN
Figure 17. SET Pin Current vs. Temperature
Figure 18. SET PIN Current vs. VSET
Figure 19. SET PIN Current vs. Input Voltage
Figure 20. Load Regulation
Figure 21. Line Regulation
L = XGL6060
VOUT = 3.3V
ILOAD = 0.5A
fSW = 1MHz, L = 6.8µH (DCR = 12.7mΩ)
fSW = 2MHz, L = 3.3µH (DCR = 5.9mΩ)
INPUT VOLTAGE (V)
4
6
8
10
12
14
16
18
70
75
80
85
90
95
100
VIN = 12V
VOUT = 1V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
VIN = 18V
VSET (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
VOUT = 1V
INPUT VOLTAGE (V)
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
VOUT = 1V
ILOAD = 1A
fSW = 2MHz
FORCED CONTINUOUS MODE
INPUT VOLTAGE (V)
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
–0.50
–0.45
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com