Electronic Components Datasheet Search
  English  ▼

X  

JC5330 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JC5330
Description  Low dropout low power LDO CMOS voltage regulator circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JC5330 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JC5330 Datasheet HTML 1Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 2Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 3Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 4Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 5Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 6Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 7Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 8Page - List of Unclassifed Manufacturers JC5330 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
第 1 页 共 15 页
低压差微功耗型 LDO
JC53XX 系列
CMOS 电压稳压电路
500mA
JC53XX 系列是使用 CMOS 技术开发的低压差,高精度输出
电压,超低功耗电流, 正电压型电压稳压电路。由于内置有
低通态电阻晶体管,因而输入输出压差低。最高工作电压可
达 10V,适合需要较高耐压的应用电路。
■ 特性:
·输出电压精度高。
精度±2%
·输入输出压差低。
典型值 15mV Iout=1mA
·超低功耗电流。
典型值⒈2uA
·低输出电压温漂
典型值 50 PPm /℃
·输入耐压。
升至 10V 保持输出稳压
·输出短路保护
短路电流 50 mA
■ 用途:
·使用电池供电设备的稳压电源
·通信设备的稳压电源
·家电玩具的稳压电源
·移动电话用的稳压电源
·便携式医用仪器稳压电源
■ 产品目录
型号
输出电压(注)
误差
打印 MARK
SOT-89 TO-92
打印 MARK
SOT-23-3
JC5312
1.2V
±2%
M5312B
5312B
JC5315
1.5V
±2%
M5315B
5315B
JC5317
1.7V
±2%
M5317B
5317B
JC5318
1.8V
±2%
M5318B
5318B
JC5321
2.1V
±2%
M5321B
5321B
JC5325
2.5V
±2%
M5325B
5325B
JC5327
2.7V
±2%
M5327B
5327B
JC5328
2.8V
±2%
M5328B
5328B
JC5330
3.0V
±2%
M5330B
5330B
JC5333
3.3V
±2%
M5333B
5333B
JC5336
3.6V
±2%
M5336B
5336B
JC5338
3.8V
±2%
M5338B
5338B
JC5344
4.4V
±2%
M5344B
5344B
JC5350
5.0V
±2%
M5350B
5350B
注: 在希望使用上述输出电压档以外的产品,客户可要求定制,输出电压范围 1.2V~7V,每 0.1V
进行细分。


Similar Part No. - JC5330

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JC501 PHILIPS-JC501 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 27
JC501P PHILIPS-JC501P Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 27
JC501Q PHILIPS-JC501Q Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 27
JC501R PHILIPS-JC501R Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 27
logo
List of Unclassifed Man...
JC502C3R5/X ETC1-JC502C3R5/X Datasheet
148Kb / 5P
Thermometrics Clip-On Pipe and Surface Sensors
More results

Similar Description - JC5330

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
Low Dropout Voltage 300mA CMOS LDO Regulator
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
Low Power Low Noise LDO CMOS Voltage Regulator
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
CMOS Low Dropout Voltage ( LDO ) Regulator
logo
AiT Semiconductor Inc.
A6140 AITSEMI-A6140 Datasheet
692Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
A6151 AITSEMI-A6151 Datasheet
504Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6151A AITSEMI-A6151A Datasheet
552Kb / 10P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6303E AITSEMI-A6303E Datasheet
1Mb / 12P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA LOW POWER COMNSUMPTION
REV1.0
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com