Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 131
Description  Typical 36.3 x 27.2 x 19.1 mm.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

131 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  131 Datasheet HTML 1Page - List of Unclassifed Manufacturers 131 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specification
Contact e-mail: info@isotemp.com for special request
2
1
Min.
Nominal
Max.
Note
Unit
Output
Frequency
10.00
MHz
Wave Form
Sine Wave
Level
6.0
8.0
10.0
dBm
Load
50
Ω
Harmonics
-30
Spurious
-60
dBc
Frequency Stability
Ambient
±20
Referenced to +25ºC
ppb
Operating Temperature
-30
+70
ºC
Aging *
At time of shipment
±0.5
ppb
After indefinite storage
Daily
±0.5
After 30 days
Yearly
±100
10 Years
±300
Voltage
±5
VDC ±5% change
Warm-up
±20
In 5 minutes @+25ºC
(Reference to 4 hours)
ppb
Phase Noise @ 10 MHz
@
10 Hz
-120
@
100 Hz
-135
@
1 kHz
-150
@
10 kHz
-150
@
100 kHz
-150
dBc
Electrical Frequency Adjustment
Range
0.4
0.9
±ppm
Control
0.0
8.0
V
Slope
Positive
Center
3.2
4.0
4.8
Control Voltage at which
nominal frequency occurs at
time of shipment
V
Input Impedance
100
KΩ
Input Power
Voltage
11.4
12.0
12.6
V
@ turn on
3.8
Steady state @25ºC
1.5
W
Reference Voltage
Voltage
7.6
8.0
8.4
Optional 4.0V (Note1) 5.0V
(Note2)
V
Load
9.0

KΩ
Temperature Stability
±0.015
VDC
Note 2: For +12V CMOS Units
* All aging stabilities are after storage of up to one year and apply after 30 days of continuous operation.
** The electronic frequency adjustment rage is sufficient for the life of the oscillator specification subject to change with frequency.
Note 1: For all +5V input power Units
The daily aging rate also applies at the time of shipment from factory.
Available Frequency Range:
5 MHz to 40 MHz Including 5.0, 10.0, 16.384, 19.44, 24.576, and 32.768 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com