Electronic Components Datasheet Search
  English  ▼

X  

131 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 131
Description  Typical 36.3 x 27.2 x 19.1 mm.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

131 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  131 Datasheet HTML 1Page - List of Unclassifed Manufacturers 131 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The OCXO 131 series oscillators feature small European style
packages designed for applications where space is at a premium and
good frequency stability is required. The oscillators can be used in
phased locked loops or as stand alone references in many
communications applications such as Stratum 3 switching apparatus
or cellular telephone base stations. An internal voltage reference is
provided to make frequency corrections via a simple potentiometer or
may be used as a voltage source for a digital to analog converter. The
package is a hermetically sealed through hole printed circuit board
mount. A choice of quartz resonators offers a variety of performance
versus cost options to fit most applications.
Features:
Typical 36.3 x 27.2 x 19.1 mm.
SC-Cut Crystal
High Stability; Low Phase Noise
CMOS//Sine Wave output; Fast Warm-up
Ordering Information
OCXO
Package
(mm)
Supply
Voltage
(V)
Pulling
Range
(ppm)
Freq.
Stability
(ppb)
Temp.
Range
(ºC)
Output Logic and Symmetry
Oscillator
Mode
Pin Out
Lead Free
Freq.
(MHz)
L: 36.3
12.0
±0.4
± 5
0~+50
Output
Symmetry
Normal
RoHS
XX.XXXXXX
131
Series
W: 27.2
5.0
± 10
0~+70
CMOS15pF
50±10%
Compliant
H: 19.1
± 20
-30~+70
Sine Wave
Not RoHS
± 30
Compliant
± 50
* Not
selectable
by
customer
Please refer
to "OUTLINE
DRAWING"
Ordering Example: OCXO131 Series; VDD: 12V; Pulling Range: ±0.4ppm; Freq. Stability: ± 20 ppb; Temp. Range: -30ºC to
70ºC; Sine Wave; Pin Out: Normal; RoHS Compliant; Freq. 10.000000 MHz.
Freq. Stability vs. TEMP. Range
ppb
±5
±10
: ±20
Temp. (ºC)
0 to +50



0 to +70



-30 to +70


= Standard  = Available (case by case) X = Not available
Contact e-mail: info@isotemp.com for special request
1
1
INCH
mm (Reference only)
Outline Drawing
PIN CONNECTIONS
PIN
FUNCTION
1
(See Note 1)
VCO INPUT
or
NOT CONNECTED
2
(See Note 1)
REFERENCE VOLTAGE
or
NOT CONNECTED
3
+ VDC
4
R.F. OUTPUT
5
0 VOLTS & CASE
Note1: If the specification does not specify
parameters for either PIN1 or PIN2 then that
respective PIN is not internally CONNECTED.


Similar Part No. - 131

ManufacturerPart #DatasheetDescription
logo
France Joint
131 FRANCEJOINT-131 Datasheet
410Kb / 2P
GAMMA SEALS
logo
Abbatron All Rights Res...
131 ABBATRON-131 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
CEE Norm UK Ltd
131 CEENORM-131 Datasheet
1Mb / 4P
Socket Outlets
logo
Walther-Werke
131 WALTHER-131 Datasheet
958Kb / 2P
Sockets IP 44
logo
Switchcraft, Inc.
131 SWITCH-131 Datasheet
118Kb / 1P
EXTENSION JACK 1/4" - 3 CONDUCTOR
5-13-09 REV F
More results

Similar Description - 131

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX610 ACT-OX610 Datasheet
251Kb / 3P
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
01/06/2017
OX660 ACT-OX660 Datasheet
297Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX665 ACT-OX665 Datasheet
298Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
XO-0058-NI TAITIEN-XO-0058-NI Datasheet
304Kb / 1P
36.3 x 27.2 mm Oven Controlled Crystal Oscillator
logo
Transko Electronics, In...
OX-E TRANSKO-OX-E Datasheet
425Kb / 2P
OCXO 36.1 X 27.2 X 13mm “EURO” PACKAGE
Rev. 2: Mar. 2015
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS2016A XTALTQ-BS2016A Datasheet
231Kb / 2P
Typical 2.05 x 1.65 x 0.75 mm ceramic SMD package
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
BS3225A XTALTQ-BS3225A Datasheet
327Kb / 2P
Typical 3.2 x 2.5 x 0.95 mm ceramic SMD package.
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com