Electronic Components Datasheet Search
  English  ▼

X  

PCV-220 Datasheet(PDF) 47 Page - PANDUIT CORP.

Part # PCV-220
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-220 Datasheet(HTML) 47 Page - PANDUIT CORP.

Back Button PCV-220 Datasheet HTML 43Page - PANDUIT CORP. PCV-220 Datasheet HTML 44Page - PANDUIT CORP. PCV-220 Datasheet HTML 45Page - PANDUIT CORP. PCV-220 Datasheet HTML 46Page - PANDUIT CORP. PCV-220 Datasheet HTML 47Page - PANDUIT CORP. PCV-220 Datasheet HTML 48Page - PANDUIT CORP. PCV-220 Datasheet HTML 49Page - PANDUIT CORP. PCV-220 Datasheet HTML 50Page - PANDUIT CORP. PCV-220 Datasheet HTML 51Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
Safety Absence of Voltage Testers (AVT)
45
800.777.3300 | Panduit.com
VeriSafe™ Absence of Voltage Testers
The Safe Way to Verify the Absence of Voltage.
When servicing electrical equipment, workers must comply with safety regulations that require a voltage verification test to validate the absence of voltage. This process includes a
number of stages that can be complex and time-consuming when using hand-held portable test instruments.
The patent-pending VeriSafe™ Absence of Voltage Tester from Panduit simplifies this process by automating the voltage verification process.
Once installed, a simple push of a button enables qualified electrical workers to verify the absence of voltage and see an active indication when the absence of voltage is confirmed.
This provides a new and innovative way to safely, reliably, and efficiently verify the absence of voltage before accessing potentially dangerous electrical equipment.
2
1
3
4
1
2
3
4
Instruction Label
1
Shown: VS-AVT
System Components
Shown: Insulation
Piercing Connectors
Indicator Module
•30mm knockout, mount on exterior of enclosure
•Operate and maintain without exposure to electrical hazards
•Instruction label with operating instructions
•VS-AVT2 will have a blue faceplate while VS-AVT
will have a yellow faceplate
AVT System Cable
•Connects isolation module to indicator module
•600 V cable available in multiple lengths for easy installation
•Replaceable with connectors on each end
•Replaceable with additional lengths
•Locking connectors on both ends
•Right angle connector at indicator module saves space
Isolation Module
•Prevents hazardous voltage from reaching door
•Universal mounting (DIN rail or surface tabs)
•Output contacts provide ability to create alarms or
communicate with other systems
Sensor Leads
•Can be installed on line or load side of electrical disconnect
•Two leads per phase; must be physically separated from
each other
•Optimized for use with the VeriSafe™ Insulation
Piercing Connector
Simple Battery Replacement
•Long-life industrial battery
•Replaceable from outside the enclosure
•Interior battery compartment is fingersafe (IP20)
•No tools required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com