Electronic Components Datasheet Search
  English  ▼

X  

PCV-220 Datasheet(PDF) 92 Page - PANDUIT CORP.

Part # PCV-220
Description  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-220 Datasheet(HTML) 92 Page - PANDUIT CORP.

Back Button PCV-220 Datasheet HTML 88Page - PANDUIT CORP. PCV-220 Datasheet HTML 89Page - PANDUIT CORP. PCV-220 Datasheet HTML 90Page - PANDUIT CORP. PCV-220 Datasheet HTML 91Page - PANDUIT CORP. PCV-220 Datasheet HTML 92Page - PANDUIT CORP. PCV-220 Datasheet HTML 93Page - PANDUIT CORP. PCV-220 Datasheet HTML 94Page - PANDUIT CORP. PCV-220 Datasheet HTML 95Page - PANDUIT CORP. PCV-220 Datasheet HTML 96Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
90
Traffic Signs | Temporary Traffic Control Signs
Roll-Up Construction Signs
Quickly set up highly visible signs for temporary warning of hazard and
construction areas.
• Flexible fabric, quick and easy to setup and takedown – roll up for compact storage
and portability
• Safety orange with contrasting black messages and symbols
• Cross-Ribs (sold separately) insert into four corner pockets, providing rigid support
• Overlay signs snap on to change directional or distance message
Materials:
Mesh Vinyl (V) – Non-reflective, ideal for daytime only applications
Fluorescent Vinyl (F) – Non-reflective, UV stable bright colored vinyl for daytime use only
Reflective Vinyl (R) – High-Intensity retro-reflective fiber reinforced nylon fabric, ideal for
attention getting and low-light conditions
*Available
Overlays
Material & Size Code
Signs
Overlays*
36"
36"
Mesh Vinyl
V36
Each
Each
Fluorescent Vinyl
F36
Reflective Vinyl
R36
To Order: Add material & size code after part number.
Example: Part No. PTS009 + Material/Size Code V36 = PTS009V36
Part No.
UOM
PTS203
Each
for 36"
PTS018
for 36"
PTS019
for 36"
PTS016
Size A
for 36"
PTS017
Size B
Cross-Ribs
36"
PTS009
Requires Size B Left Overlay
36"
PTS011
*
36"
PTS012
*
Requires Size A Left Overlay
36"
PTS013
*
36"
PTS014
*
36"
PTS015
*
36"
PTS008
36"
PTS010
Rigid support keeps roll-up signs
deployed and visible.
• Constructed of durable
fiberglass material
• Inserts into roll-up sign
four-corner pockets
• For use with 36" Roll-Up
Construction Signs
Cautionary Signs
Engineer-Grade Prismatic
High-Intensity Prismatic
Size
SLOW
Part No.
PEDXING
Part No.
SLOW
Part No.
PEDXING
Part No.
PTS163
PTS161
PTS162
PTS160
24" x 24"
—
PTS170
—
PTS169
30" x 30"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com