Electronic Components Datasheet Search
  English  ▼

X  

TPS71401DRVT Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS71401DRVT
Description  TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS71401DRVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS71401DRVT Datasheet HTML 18Page - Texas Instruments TPS71401DRVT Datasheet HTML 19Page - Texas Instruments TPS71401DRVT Datasheet HTML 20Page - Texas Instruments TPS71401DRVT Datasheet HTML 21Page - Texas Instruments TPS71401DRVT Datasheet HTML 22Page - Texas Instruments TPS71401DRVT Datasheet HTML 23Page - Texas Instruments TPS71401DRVT Datasheet HTML 24Page - Texas Instruments TPS71401DRVT Datasheet HTML 25Page - Texas Instruments TPS71401DRVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
8 Device and Documentation Support
8.1 Device Support
8.1.1 Device Nomenclature
Device Information(1)
PRODUCT
VOUT (2)
TPS714xxyyyz
XX is nominal output voltage (for example 33 = 3.3 V, 01 = adjustable).
YYY is package designator.
Z is package quantity.
TPS714xxyyyz M3
xx is nominal output voltage (for example 33 = 3.3V, 01 = adjustable)
yyy is package designator
z is package quantity
M3 is a suffix designator for new chip redesigns on the latest TI process
technology.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Custom output voltages are available on a quick-turn basis for prototyping. Production quantities are available; minimum package
order quantities apply. Contact factory for details and availability.
8.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
TPS714
SBVS116D – DECEMBER 2008 – REVISED NOVEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com