Electronic Components Datasheet Search
  English  ▼

X  

TPS71401DRVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS71401DRVT
Description  TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS71401DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71401DRVT Datasheet HTML 3Page - Texas Instruments TPS71401DRVT Datasheet HTML 4Page - Texas Instruments TPS71401DRVT Datasheet HTML 5Page - Texas Instruments TPS71401DRVT Datasheet HTML 6Page - Texas Instruments TPS71401DRVT Datasheet HTML 7Page - Texas Instruments TPS71401DRVT Datasheet HTML 8Page - Texas Instruments TPS71401DRVT Datasheet HTML 9Page - Texas Instruments TPS71401DRVT Datasheet HTML 10Page - Texas Instruments TPS71401DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
5.6 Typical Characteristics
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, CIN = 1 µF, and
COUT = 1 µF (unless otherwise noted)
I
OutputCurrent
OUT -
- mA
0
10
20
30
40
50
60
70
80
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN =4.3V
Figure 5-1. TPS71433 Output Voltage vs Output Current
(Legacy Chip)
IOUT - Output Current (mA)
0
10
20
30
40
50
60
70
80
3.135
3.168
3.201
3.234
3.267
3.3
3.333
3.366
3.399
3.432
3.465
VIN = 4.3V
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 5-2. TPS71433 Output Voltage vs Output Current
(New Chip)
Input Voltage (V)
4
5.5
7
8.5
10
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 5-3. TPS71433 Output Voltage vs Input Voltage
(New Chip)
T
JunctionTemperature
J -
- C
°
-40 -25 -10 5 20 35 50 65 80 95 110 125
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN =4 .3V
I
OUT =10mA
I
OUT =80mA
Figure 5-4. TPS71433 Output Voltage vs Junction Temperature
(Legacy Chip)
Junction Temperature (
C)
-55
-25
5
35
65
95
125
150
3.135
3.168
3.201
3.234
3.267
3.3
3.333
3.366
3.399
3.432
3.465
VIN = 4.3V
1mA
80mA
Figure 5-5. TPS71433 Output Voltage vs Junction Temperature
(New Chip)
2.0
2.5
3.0
3.5
4.0
4.5
-40 -25 -10
5
20 35 50 65 80 95 110 125
T
JunctionTemperature
J -
- C
°
VIN = 4.3V
VOUT = 3.3V
IOUT =1mF
Figure 5-6. TPS71433 Quiescent Current vs Junction
Temperature (Legacy Chip)
www.ti.com
TPS714
SBVS116D – DECEMBER 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com