Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS720105DRVT
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS720105DRVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS720105DRVT Datasheet HTML 18Page - Texas Instruments TPS720105DRVT Datasheet HTML 19Page - Texas Instruments TPS720105DRVT Datasheet HTML 20Page - Texas Instruments TPS720105DRVT Datasheet HTML 21Page - Texas Instruments TPS720105DRVT Datasheet HTML 22Page - Texas Instruments TPS720105DRVT Datasheet HTML 23Page - Texas Instruments TPS720105DRVT Datasheet HTML 24Page - Texas Instruments TPS720105DRVT Datasheet HTML 25Page - Texas Instruments TPS720105DRVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Nov-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPS72011YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BQ
TPS72011YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BQ
TPS72011YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BQ
TPS72012DRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
DAB
TPS72012DRVR.B
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
DAB
TPS72012DRVT
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
DAB
TPS72012DRVT.B
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
DAB
TPS72012YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NN
TPS72012YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NN
TPS72012YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NN
TPS72012YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NN
TPS720132YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
7J
TPS720132YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
7J
TPS720132YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
7J
TPS720132YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
7J
TPS72013YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FS
TPS72013YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FS
TPS72013YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FS
TPS72013YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FS
TPS72015DRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAC
TPS72015DRVR.B
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAC
TPS72015DRVT
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAC
TPS72015DRVT.B
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAC
TPS72015DRVTG4
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAC
TPS72015DRVTG4.B
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAC
TPS72015YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FT
TPS72015YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FT
TPS72015YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FT
TPS72015YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
FT
TPS72017YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
GC
TPS72017YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
GC
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com