Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS720105DRVT
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS720105DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS720105DRVT Datasheet HTML 1Page - Texas Instruments TPS720105DRVT Datasheet HTML 2Page - Texas Instruments TPS720105DRVT Datasheet HTML 3Page - Texas Instruments TPS720105DRVT Datasheet HTML 4Page - Texas Instruments TPS720105DRVT Datasheet HTML 5Page - Texas Instruments TPS720105DRVT Datasheet HTML 6Page - Texas Instruments TPS720105DRVT Datasheet HTML 7Page - Texas Instruments TPS720105DRVT Datasheet HTML 8Page - Texas Instruments TPS720105DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
BIAS
IN
EN
GND
OUT
C3
B2
A3
C1
A1
IN
GND
BIAS
6
5
4
OUT
NC
EN
1
2
3
Thermal
Pad
(1)
3
TPS720
www.ti.com
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
Product Folder Links: TPS720
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin SON With Exposed Thermal Pad
Top View
(1)
TI recommends connecting the SON (DRV)
package thermal pad to ground.
YZU Package
5-Pin DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DRV
YZU
OUT
1
A3
O
Output pin. A 2.2-μF ceramic capacitor is connected from this pin to ground, for stability and to provide
load transients. See Input and Output Capacitor Requirements.
NC
2
—
—
No connection.
EN
3
C3
I
Enable pin. A logic high signal on this pin turns the device on and regulates the voltage from IN to
OUT. A logic low on this pin turns off the device.
BIAS
4
C1
I
Bias supply pin. TI recommends bypassing this input with a ceramic capacitor to ground for better
transient performance. See Input and Output Capacitor Requirements.
GND
5
B2
—
Ground pin.
IN
6
A1
I
Input pin. This pin can be a maximum of 4.5 V; VIN must not exceed VBIAS. Bypass this input with a
ceramic capacitor to ground. See Input and Output Capacitor Requirements.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
To ensure proper operation of the device it is necessary that VIN ≤ VBIAS under all conditions.
(3)
Whichever is less.
(4)
For durations no longer than 1ms each, for a total of no more than 1000 occurrences over the lifetime of the device.
6 Specifications
6.1 Absolute Maximum Ratings
At TJ = –40°C to 125°C (unless otherwise noted). All voltages are with respect to GND.
(1)
MIN
MAX
UNIT
VIN
(2)
Input voltage (steady-state)
–0.3
VBIAS or 5
(3)
V
VIN_PEAK
(4)
Peak transient input
5.5
V
VBIAS
Bias voltage
–0.3
6
V
VEN
Enable voltage
–0.3
6
V
VOUT
Output voltage
–0.3
5
V
IOUT
Peak output current
Internally limited
Output short circuit duration
Indefinite
PDISS
Total continuous power dissipation
See Thermal Information
TJ
Operating junction temperature
–55
125
°C
Tstg
Storage temperature
–55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com