Electronic Components Datasheet Search
  English  ▼

X  

PD70211 Datasheet(PDF) 25 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 25 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 21Page - Microsemi Corporation PD70211 Datasheet HTML 22Page - Microsemi Corporation PD70211 Datasheet HTML 23Page - Microsemi Corporation PD70211 Datasheet HTML 24Page - Microsemi Corporation PD70211 Datasheet HTML 25Page - Microsemi Corporation PD70211 Datasheet HTML 26Page - Microsemi Corporation PD70211 Datasheet HTML 27Page - Microsemi Corporation PD70211 Datasheet HTML 28Page - Microsemi Corporation PD70211 Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Copyright © 2016
Microsemi
Page 25
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Operation with an External DC Source
PD applications utilizing PD70211 IC may be operated with an external power source (DC wall adaptor). There
are two cases of providing power with an external source, the cases are presented in.
Figure 6 and Figure 7.
 External source connected to application’s low voltage supply rails. External source voltage level is
dependent on DCDC output characteristics. Described in
 Figure 6
 External source connected to PD device output connection toward the application (VPP to VPN
OUT).
External source voltage level is dependent on DCDC input requirements. Described in Figure 7
100nF
100V
Primary DC(+)
Bootstrap Winding
controller VCC
Primary DC (-)
Isolated Output
Isolated Output
Isolated DCDC
Application
SUPP_S1
SUPP_S2
-
SUPP_S2
IN1B
IN2B
OUTN
+
SUPP_S1
OUTP
IN1A
IN2A
Data- from
line XFMR
Data+ from
line XFMR
Spare+ from
line XFMR
Spare- from
line XFMR
TVS
(+) Input
(-) Input
D1
10K
10K
PD70211
Supp_S1
Rcls
VPNI
VPNI
Supp_S2
Rref
PGND
Figure 6: External Power Input connected to Application supply Rails
100nF
100V
Primary DC(+)
Bootstrap Winding
controller VCC
Primary DC (-)
Isolated Output
Isolated Output
Isolated DCDC
Application
SUPP_S1
SUPP_S2
-
SUPP_S2
IN1B
IN2B
OUTN
+
SUPP_S1
OUTP
IN1A
IN2A
Data- from
line XFMR
Data+ from
line XFMR
Spare+ from
line XFMR
Spare- from
line XFMR
R1
R4
R3
TVS
R2
(+) Input
(-) Input
D1
Q1
10K
10K
100nF
PD70211
Supp_S1
Rcls
VPNI
VPNI
Supp_S2
Rref
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com