Electronic Components Datasheet Search
  English  ▼

X  

PD70211 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 5 Page - Microsemi Corporation

  PD70211 Datasheet HTML 1Page - Microsemi Corporation PD70211 Datasheet HTML 2Page - Microsemi Corporation PD70211 Datasheet HTML 3Page - Microsemi Corporation PD70211 Datasheet HTML 4Page - Microsemi Corporation PD70211 Datasheet HTML 5Page - Microsemi Corporation PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Copyright © 2016
Microsemi
Page 5
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Pin
Number
Designator
Description
16
RFREQ
Connect a programming resistor from this pin to IC ground (pin GND) to set the switching
frequency. A typical value of the programming resistor is 49.9k, and this value will provide a
frequency between 215kHz. Halving it will roughly double the frequency, whereas doubling
it will halve the frequency. Note that the converter is designed to operate from 100 to 500
kHz based on this pin.
Switching Frequency Equation:
������������������������ =
1
(90������������ ������������������������������)+ 150������������
where Freq is [Hz] and RFREQ in [Ω]
For further information refer to Setting Switching Frequency.
17
SS
This is the soft-start pin. Typically a 0.1µF cap, the “soft-start capacitor”, is connected
between this pin and IC ground (pin GND). The capacitor gets charged up to 1.2V by an
internal resistor, and the voltage on the cap in effect forms the input voltage reference VREF
of the error amplifier. But note that this capacitor serves other functions too; for example,
it controls the rate of hiccupping under overcurrent fault conditions. So even if the internal
reference is not being used (as in isolated topologies with a TL431 on the Secondary side),
the soft-stat cap is always recommended to be in place. The actual capacitor used will be
determined by the application. For further information refer to Setting Soft-Start.
18
RCLP
Low power clamp resistor. We can connect a resistor from this pin to IC ground (pin GND)
to set the exact level at which pulse-skipping mode is entered at light loads. However, the
usual default is to connect this pin directly to IC ground, in which case pulse-skipping mode
is disabled. The method to select the threshold (and RCLP resistor value) is described in the
Applications Information section of this datasheet.
19
VSN
The negative input of the internal differential-sense voltage amplifier. Note that the
common-mode range of the differential voltage amplifier is 3.5V and its gain is 7. We can
use this differential amplifier for implementing topologies where the “system (output)
ground” is different from the IC ground. We can then step-down both output rails (output
rail and its return), by equal amounts, using identical voltage dividers, to bring the voltage
below 3.5V, then use differential sensing, and finally connect the output of the differential
voltage amplifier (pin DAO) to FB pin.
20
VSP
The positive input of the internal differential-sense voltage amplifier. Note that it must
always be connected in such a way that VSP is at a higher voltage than VSN. Also keep in
mind that since the differential voltage amplifier has a gain of 7 and the output of that amp
is connected to the feedback pin which compares that against a 1.2V reference, in effect,
the difference between VSP and VSN stabilizes to 1.2V/7 = 0.171V in steady state. That is
how we design the (identical) voltage dividers present on VSP and VSN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com