Electronic Components Datasheet Search
  English  ▼

X  

TPS53641 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS53641
Description  4-Phase, D-CAPTM Step-Down VR12.x Server CPU VCORE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53641 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS53641 Datasheet HTML 12Page - Texas Instruments TPS53641 Datasheet HTML 13Page - Texas Instruments TPS53641 Datasheet HTML 14Page - Texas Instruments TPS53641 Datasheet HTML 15Page - Texas Instruments TPS53641 Datasheet HTML 16Page - Texas Instruments TPS53641 Datasheet HTML 17Page - Texas Instruments TPS53641 Datasheet HTML 18Page - Texas Instruments TPS53641 Datasheet HTML 19Page - Texas Instruments TPS53641 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
PACKAGE OUTLINE
C
40X
0.25
0.15
40X
0.5
0.3
0.8 MAX
(0.2) TYP
0.05
0.00
36X 0.4
2X
3.6
2X 3.6
3.15 0.1
A
5.1
4.9
B
5.1
4.9
WQFN - 0.8 mm max height
RSB0040E
PLASTIC QUAD FLATPACK - NO LEAD
4219096/A 11/2017
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
10
21
30
11
20
40
31
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
41
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com