Electronic Components Datasheet Search
  English  ▼

X  

TPS53641 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS53641
Description  4-Phase, D-CAPTM Step-Down VR12.x Server CPU VCORE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53641 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53641 Datasheet HTML 9Page - Texas Instruments TPS53641 Datasheet HTML 10Page - Texas Instruments TPS53641 Datasheet HTML 11Page - Texas Instruments TPS53641 Datasheet HTML 12Page - Texas Instruments TPS53641 Datasheet HTML 13Page - Texas Instruments TPS53641 Datasheet HTML 14Page - Texas Instruments TPS53641 Datasheet HTML 15Page - Texas Instruments TPS53641 Datasheet HTML 16Page - Texas Instruments TPS53641 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
36X (0.4)
(R0.05) TYP
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
40X (0.6)
40X (0.2)
(4.8)
(4.8)
(
3.5)
(
0.2) TYP
VIA
(0.75) TYP
(0.75) TYP
WQFN - 0.8 mm max height
RSB0040B
PLASTIC QUAD FLATPACK - NO LEAD
4219094/B 09/2023
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SEE SOLDER MASK
DETAIL
1
10
11
20
21
30
31
40
41
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com