Electronic Components Datasheet Search
  English  ▼

X  

TPS54226PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS54226PWPR
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode™
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54226PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54226PWPR Datasheet HTML 18Page - Texas Instruments TPS54226PWPR Datasheet HTML 19Page - Texas Instruments TPS54226PWPR Datasheet HTML 20Page - Texas Instruments TPS54226PWPR Datasheet HTML 21Page - Texas Instruments TPS54226PWPR Datasheet HTML 22Page - Texas Instruments TPS54226PWPR Datasheet HTML 23Page - Texas Instruments TPS54226PWPR Datasheet HTML 24Page - Texas Instruments TPS54226PWPR Datasheet HTML 25Page - Texas Instruments TPS54226PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Aug-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS54226PWPR
HTSSOP
PWP
14
2000
353.0
353.0
32.0
TPS54226RGTR
VQFN
RGT
16
3000
335.0
335.0
25.0
TPS54226RGTRG4
VQFN
RGT
16
3000
335.0
335.0
25.0
TPS54226RGTT
VQFN
RGT
16
250
182.0
182.0
20.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com