Electronic Components Datasheet Search
  English  ▼

X  

TPS54226PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54226PWPR
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode™
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54226PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54226PWPR Datasheet HTML 3Page - Texas Instruments TPS54226PWPR Datasheet HTML 4Page - Texas Instruments TPS54226PWPR Datasheet HTML 5Page - Texas Instruments TPS54226PWPR Datasheet HTML 6Page - Texas Instruments TPS54226PWPR Datasheet HTML 7Page - Texas Instruments TPS54226PWPR Datasheet HTML 8Page - Texas Instruments TPS54226PWPR Datasheet HTML 9Page - Texas Instruments TPS54226PWPR Datasheet HTML 10Page - Texas Instruments TPS54226PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
I
=
OUT(LL)
1
-
(V
- V
) V
IN
OUT
OUT
·
2 · L · fws
V
IN
-
·
Tss(ms)=
C6(nF) Vref
•
Iss( A)
µ
−
=
C6(nF) • 0.765
2
−
TPS54226
www.ti.com
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
shot timer expires. This one shot is set by the converter input voltage, VIN, and the output voltage, VO, to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The
one-shot timer is reset and the high-side MOSFET is turned on again when the feedback voltage falls below the
reference voltage. An internal ramp is added to reference voltage to simulate output ripple, eliminating the need
for ESR induced output ripple from D-CAP2
™ mode control.
PWM Frequency and Adaptive On-Time Control
TPS54226 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
TPS54226 runs with a pseudo-constant frequency of 700 kHz by using the input voltage and output voltage to
set the on-time one-shot timer. The on-time is inversely proportional to the input voltage and proportional to the
output voltage, therefore, when the duty ratio is VOUT/VIN, the frequency is constant.
Auto-Skip Eco-Mode
™ Control
The TPS54226 is designed with Auto-Skip Eco-Mode
™ to increase light load efficiency. As the output current
decreases from heavy load condition, the inductor current is also reduced and eventually comes to point that its
rippled valley touches zero level, which is the boundary between continuous conduction and discontinuous
conduction modes. The rectifying MOSFET is turned off when its zero inductor current is detected. As the load
current further decreases the converter run into discontinuous conduction mode. The on-time is kept almost the
same as is was in the continuous conduction mode so that it takes longer time to discharge the output capacitor
with smaller load current to the level of the reference voltage. The transition point to the light load operation
IOUT(LL) current can be calculated in Equation 1.
(1)
Soft Start and Pre-Biased Soft Start
The soft start function is adjustable. When the EN pin becomes high, 2-
μA current begins charging the capacitor
which is connected from the SS pin to GND. Smooth control of the output voltage is maintained during start up.
The equation for the slow start time is shown in Equation 2. VFB voltage is 0.765 V and SS pin source current is
2
μA.
(2)
A unique circuit to prevent current from being pulled from the output during startup if the output is pre-biased.
When the soft-start commands a voltage higher than the pre-bias level (internal soft start becomes greater than
feedback voltage VFB), the controller slowly activates synchronous rectification by starting the first low side FET
gate driver pulses with a narrow on-time. It then increments that on-time on a cycle-by-cycle basis until it
coincides with the time dictated by (1-D), where D is the duty cycle of the converter. This scheme prevents the
initial sinking of the pre-bias output, and ensure that the out voltage (VO) starts and ramps up smoothly into
regulation and the control loop is given time to transition from pre-biased start-up to normal mode operation.
Power Good
The power good function is activated after soft start has finished. The power good function becomes active after
1.7 times soft-start time. When the output voltage is within
–10% of the target value, internal comparators detect
power good state and the power good signal becomes high. Rpg resister value, which is connected between PG
and VREG5, is required from 20 k
Ω to 150 kΩ. If the feedback voltage goes under 15% of the target value, the
power good signal becomes low after a 10 ms internal delay.
Output Discharge Control
TPS54226 discharges the output when EN is low, or the controller is turned off by the protection functions (OVP,
UVP, UVLO and thermal shutdown). The output is discharged by an internal 50-
Ω MOSFET which is connected
from VO to PGND. The internal low-side MOSFET is not turned on during the output discharge operation to
avoid the possibility of causing negative voltage at the output.
Copyright
© 2009–2011, Texas Instruments Incorporated
7
Product Folder Link(s): TPS54226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com