Electronic Components Datasheet Search
  English  ▼

X  

TPS60150DRVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS60150DRVT
Description  TPS60150 5-V, 140-mA Charge-Pump
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS60150DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60150DRVT Datasheet HTML 3Page - Texas Instruments TPS60150DRVT Datasheet HTML 4Page - Texas Instruments TPS60150DRVT Datasheet HTML 5Page - Texas Instruments TPS60150DRVT Datasheet HTML 6Page - Texas Instruments TPS60150DRVT Datasheet HTML 7Page - Texas Instruments TPS60150DRVT Datasheet HTML 8Page - Texas Instruments TPS60150DRVT Datasheet HTML 9Page - Texas Instruments TPS60150DRVT Datasheet HTML 10Page - Texas Instruments TPS60150DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
V
= V - VQ1 + V(C ) - VQ4 = V - VQ1 + 2.5 V - VQ4 = 5 V
(Ideal)
OUT
IN
F
IN
VIN
OFF
ON
ON
OFF
VOUT
CF
COUT
+
-
2.5V
VQ1
Q1
Q2
Q3
Q4
VIN
OFF
ON
ON
OFF
VOUT
CF
COUT
+
-
2.5V
Q1
Q2
Q3
Q4
TPS60150
www.ti.com
SLVS888C – DECEMBER 2008 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The TPS60150 regulated charge pump provides a regulated output voltage for various input voltages. The
TPS60150 device regulates the voltage across the flying capacitor to 2.5 V and controls the voltage drop of Q1
and Q2 while a conversion clock with 50% duty cycle drives the FETs.
Figure 3. Charging Mode
During the first half cycle, Q2 and Q3 transistors are turned on and flying capacitor, CF, will be charged to 2.5 V
ideally.
Figure 4. Discharging Mode
During the second half cycle, Q1 and Q4 transistors are turned on. Capacitor CF will then be discharged to
output.
Use Equation 1 to calculate the output voltage.
(1)
The output voltage is regulated by output feedback and an internally compensated voltage control loop.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS60150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com