Electronic Components Datasheet Search
  English  ▼

X  

TPS60150DRVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS60150DRVT
Description  TPS60150 5-V, 140-mA Charge-Pump
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS60150DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60150DRVT Datasheet HTML 9Page - Texas Instruments TPS60150DRVT Datasheet HTML 10Page - Texas Instruments TPS60150DRVT Datasheet HTML 11Page - Texas Instruments TPS60150DRVT Datasheet HTML 12Page - Texas Instruments TPS60150DRVT Datasheet HTML 13Page - Texas Instruments TPS60150DRVT Datasheet HTML 14Page - Texas Instruments TPS60150DRVT Datasheet HTML 15Page - Texas Instruments TPS60150DRVT Datasheet HTML 16Page - Texas Instruments TPS60150DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
20
s/div
m
5ms/div
20
s/div
m
2.7
3.2
3.7
4.2
4.7
5.2
V -InputVoltage-V
I
0
10
20
30
40
50
60
70
80
90
100
10mA
50mA
150mA
120mA
100mA
T =25°C
A
4.80
4.85
4.90
4.95
5.05
5.10
2.7
3.2
3.7
4.2
4.7
5.2
V -InputVoltage-V
I
5.00
T =25°C
A
10mA
50mA
150mA
120mA
100mA
0
0.05
0.1
0.15
0.2
I
-OutputCurrent- A
O
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
5.25
T =25°C
A
3.6V
4.2V
5V
5.5V
2.7V
TPS60150
www.ti.com
SLVS888C – DECEMBER 2008 – REVISED OCTOBER 2015
8.2.1.3 Application Curves
Figure 9. Output Voltage vs Output Current
Figure 10. Output Voltage vs Input Voltage
Figure 11. Efficiency vs Input Voltage
Figure 12. Load Transient Response
VIN = 2.7 V, IO = 30 mA to 50 mA
Figure 14. Output Ripple Voltage (Skip Mode)
Figure 13. Load Transient Response
VIN = 2.7 V, IO = 0 mA
VIN = 3.6 V, IO = 60 mA to 100 mA
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS60150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com